Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 130 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 130 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 126Page - Texas Instruments AM1808AZCED3 Datasheet HTML 127Page - Texas Instruments AM1808AZCED3 Datasheet HTML 128Page - Texas Instruments AM1808AZCED3 Datasheet HTML 129Page - Texas Instruments AM1808AZCED3 Datasheet HTML 130Page - Texas Instruments AM1808AZCED3 Datasheet HTML 131Page - Texas Instruments AM1808AZCED3 Datasheet HTML 132Page - Texas Instruments AM1808AZCED3 Datasheet HTML 133Page - Texas Instruments AM1808AZCED3 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-47. SATA Input Clock Source Requirements
PARAMETER
MIN
TYP
MAX
UNIT
Clock Frequency (1)
75
375
MHz
Jitter
50
ps pk-pk
Duty Cycle
40
60
%
Rise/Fall Time
700
ps
(1)
Discrete clock frequency points are supported based on the PLL multiplier used in the SATA PHY.
6.14.3 SATA Unused Signal Configuration
If the SATA interface is not used, the SATA signals should be configured as shown below.
Table 6-48. Unused SATA Signal Configuration
SATA Signal Name
Configuration if SATA peripheral is not used
SATA_RXP
No Connect
SATA_RXN
No Connect
SATA_TXP
No Connect
SATA_TXN
No Connect
SATA_REFCLKP
No Connect
SATA_REFCLKN
No Connect
SATA_MPSWITCH
May be used as GPIO or other peripheral function
SATA_CP_DET
May be used as GPIO or other peripheral function
SATA_CP_POD
May be used as GPIO or other peripheral function
SATA_LED
May be used as GPIO or other peripheral function
SATA_REG
No Connect
SATA_VDDR
No Connect
SATA_VDD
Prior to silicon revision 2.0, this supply must be connected to a static 1.2V nominal supply. For silicon
revision 2.0 and later, this supply may be left unconnected for additional power conservation.
SATA_VSS
Vss
130
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com