Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 212 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 212 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 208Page - Texas Instruments AM1808AZCED3 Datasheet HTML 209Page - Texas Instruments AM1808AZCED3 Datasheet HTML 210Page - Texas Instruments AM1808AZCED3 Datasheet HTML 211Page - Texas Instruments AM1808AZCED3 Datasheet HTML 212Page - Texas Instruments AM1808AZCED3 Datasheet HTML 213Page - Texas Instruments AM1808AZCED3 Datasheet HTML 214Page - Texas Instruments AM1808AZCED3 Datasheet HTML 215Page - Texas Instruments AM1808AZCED3 Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.25 Host-Port Interface (UHPI)
6.25.1 HPI Device-Specific Information
The device includes a user-configurable 16-bit Host-port interface (HPI16).
The host port interface (UHPI) provides a parallel port interface through which an external host processor
can directly access the processor's resources (configuration and program/data memories). The external
host device is asynchronous to the CPU clock and functions as a master to the HPI interface. The UHPI
enables a host device and the processor to exchange information via internal or external memory.
Dedicated address (HPIA) and data (HPID) registers within the UHPI provide the data path between the
external host interface and the processor resources. A UHPI control register (HPIC) is available to the
host and the CPU for various configuration and interrupt functions.
6.25.2 HPI Peripheral Register Description(s)
Table 6-111. HPI Control Registers
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
COMMENTS
0x01E1 0000
PID
Peripheral Identification Register
The CPU has read/write access
0x01E1 0004
PWREMU_MGMT
HPI power and emulation management register
to the PWREMU_MGMT register.
0x01E1 0008
-
Reserved
0x01E1 000C
GPIO_EN
General Purpose IO Enable Register
0x01E1 0010
GPIO_DIR1
General Purpose IO Direction Register 1
0x01E1 0014
GPIO_DAT1
General Purpose IO Data Register 1
0x01E1 0018
GPIO_DIR2
General Purpose IO Direction Register 2
0x01E1 001C
GPIO_DAT2
General Purpose IO Data Register 2
0x01E1 0020
GPIO_DIR3
General Purpose IO Direction Register 3
0x01E1 0024
GPIO_DAT3
General Purpose IO Data Register 3
01E1 0028
-
Reserved
01E1 002C
-
Reserved
The Host and the CPU both have
01E1 0030
HPIC
HPI control register
read/write access to the HPIC
register.
HPIA
HPI address register
The Host has read/write access
01E1 0034
(HPIAW)(1)
(Write)
to the HPIA registers. The CPU
has only read access to the HPIA
HPIA
HPI address register
01E1 0038
registers.
(HPIAR)(1)
(Read)
01E1 000C - 01E1 07FF
-
Reserved
(1)
There are two 32-bit HPIA registers: HPIAR for read operations and HPIAW for write operations. The HPI can be configured such that
HPIAR and HPIAW act as a single 32-bit HPIA (single-HPIA mode) or as two separate 32-bit HPIAs (dual-HPIA mode) from the
perspective of the Host. The CPU can access HPIAW and HPIAR independently.
212
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com