Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 213 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 213 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 209Page - Texas Instruments AM1808AZCED3 Datasheet HTML 210Page - Texas Instruments AM1808AZCED3 Datasheet HTML 211Page - Texas Instruments AM1808AZCED3 Datasheet HTML 212Page - Texas Instruments AM1808AZCED3 Datasheet HTML 213Page - Texas Instruments AM1808AZCED3 Datasheet HTML 214Page - Texas Instruments AM1808AZCED3 Datasheet HTML 215Page - Texas Instruments AM1808AZCED3 Datasheet HTML 216Page - Texas Instruments AM1808AZCED3 Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
6.25.3 HPI Electrical Data/Timing
Table 6-112. Timing Requirements for Host-Port Interface [1.3V, 1.2V, 1.1V](1) (2)
1.3V, 1.2V, 1.1V, 1.0V
NO.
UNIT
MIN
MAX
1
tsu(SELV-HSTBL)
Setup time, select signals(3) valid before UHPI_HSTROBE low
5
ns
2
th(HSTBL-SELV)
Hold time, select signals(3) valid after UHPI_HSTROBE low
2
ns
3
tw(HSTBL)
Pulse duration, UHPI_HSTROBE active low
15
ns
4
tw(HSTBH)
Pulse duration, UHPI_HSTROBE inactive high between consecutive accesses
2M
ns
9
tsu(SELV-HASL)
Setup time, selects signals valid before UHPI_HAS low
5
10
th(HASL-SELV)
Hold time, select signals valid after UHPI_HAS low
2
11
tsu(HDV-HSTBH)
Setup time, host data valid before UHPI_HSTROBE high
5
ns
12
th(HSTBH-HDV)
Hold time, host data valid after UHPI_HSTROBE high
2
ns
Hold time, UHPI_HSTROBE high after UHPI_HRDY low. UHPI_HSTROBE
13
th(HRDYL-HSTBH)
should not be inactivated until UHPI_HRDY is active (low); otherwise, HPI writes
2
ns
will not complete properly.
16
tsu(HASL-HSTBL)
Setup time, UHPI_HAS low before UHPI_HSTROBE low
5
17
th(HSTBL-HASH)
Hold time, UHPI_HAS low after UHPI_HSTROBE low
2
(1)
UHPI_HSTROBE refers to the following logical operation on UHPI_HCS, UHPI_HDS1, and UHPI_HDS2: [NOT(UHPI_HDS1 XOR
UHPI_HDS2)] OR UHPI_HCS.
(2)
M=SYSCLK2 period in ns.
(3)
Select signals include: HCNTL[1:0], HR/W and HHWIL.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
213
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com