Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 215 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 215 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 211Page - Texas Instruments AM1808AZCED3 Datasheet HTML 212Page - Texas Instruments AM1808AZCED3 Datasheet HTML 213Page - Texas Instruments AM1808AZCED3 Datasheet HTML 214Page - Texas Instruments AM1808AZCED3 Datasheet HTML 215Page - Texas Instruments AM1808AZCED3 Datasheet HTML 216Page - Texas Instruments AM1808AZCED3 Datasheet HTML 217Page - Texas Instruments AM1808AZCED3 Datasheet HTML 218Page - Texas Instruments AM1808AZCED3 Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-114. Switching Characteristics Over Recommended Operating Conditions for Host-Port Interface
[1.0V](1) (2) (3)
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
For HPI Write, HRDY can go high (not ready) for
these HPI Write conditions; otherwise, HRDY
stays low (ready):
Case 1: Back-to-back HPIA writes (can be either
first or second half-word)
Case 2: HPIA write following a PREFETCH
command (can be either first or second
half-word)
Case 3: HPID write when FIFO is full or flushing
(can be either first or second half-word)
Case 4: HPIA write and Write FIFO not empty
For HPI Read, HRDY can go high (not ready) for
these HPI Read conditions:
Delay time, HSTROBE low to HRDY
Case 1: HPID read (with auto-increment) and
5
td(HSTBL-HRDYV)
22
ns
valid
data not in Read FIFO (can only happen to first
half-word of HPID access)
Case 2: First half-word access of HPID Read
without auto-increment
For HPI Read, HRDY stays low (ready) for these
HPI Read conditions:
Case 1: HPID read with auto-increment and data
is already in Read FIFO (applies to either
half-word of HPID access)
Case 2: HPID read without auto-increment and
data is already in Read FIFO (always applies to
second half-word of HPID access)
Case 3: HPIC or HPIA read (applies to either
half-word access)
5a
td(HASL-HRDYV)
Delay time, HAS low to HRDY valid
22
6
ten(HSTBL-HDLZ)
Enable time, HD driven from HSTROBE low
1.5
ns
7
td(HRDYL-HDV)
Delay time, HRDY low to HD valid
0
ns
8
toh(HSTBH-HDV)
Output hold time, HD valid after HSTROBE high
1.5
ns
14
tdis(HSTBH-HDHZ)
Disable time, HD high-impedance from HSTROBE high
22
ns
For HPI Read. Applies to conditions where data
is already residing in HPID/FIFO:
Case 1: HPIC or HPIA read
Delay time, HSTROBE low to HD
Case 2: First half-word of HPID read with
15
td(HSTBL-HDV)
22
ns
valid
auto-increment and data is already in Read
FIFO
Case 3: Second half-word of HPID read with or
without auto-increment
For HPI Write, HRDY can go high (not ready) for
these HPI Write conditions; otherwise, HRDY
stays low (ready):
Case 1: HPID write when Write FIFO is full (can
Delay time, HSTROBE high to HRDY
18
td(HSTBH-HRDYV)
happen to either half-word)
22
ns
valid
Case 2: HPIA write (can happen to either
half-word)
Case 3: HPID write without auto-increment (only
happens to second half-word)
(1)
M=SYSCLK2 period in ns.
(2)
HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
(3)
By design, whenever HCS is driven inactive (high), HPI will drive HRDY active (low).
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
215
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com