Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PD08 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 2Page - STMicroelectronics L99PD08 Datasheet HTML 3Page - STMicroelectronics L99PD08 Datasheet HTML 4Page - STMicroelectronics L99PD08 Datasheet HTML 5Page - STMicroelectronics L99PD08 Datasheet HTML 6Page - STMicroelectronics L99PD08 Datasheet HTML 7Page - STMicroelectronics L99PD08 Datasheet HTML 8Page - STMicroelectronics L99PD08 Datasheet HTML 9Page - STMicroelectronics L99PD08 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Block diagram
L99PD08
6/41
Doc ID 15872 Rev 3
1
Block diagram
Figure 1.
Application example block diagram
SDI
SPI
CONTROL
LOGIC
GND
CSN
SCK
SDO
Vbat
CLK_IN0
Vreg 3.3V
Vreg 5V
Microcontroller
VCORE3
CLK_IN1
EN
SYNC
MUX_ST/CS
FAULT
VDDIO
LHOMEN
CHANNEL0
ST0/CS0
OUT0
3
CHANNEL7
diagnostics
ST7/CS7
OUT7
VIP
ST1/CS1
OUT1
ST6/CS6
OUT6
VIP
Vbat_SWITCH
VDD
VDD
4k7
4k7
4k7
4k7
4k7
4k7
4k7
4k7
100
100
CS1
CS2
IN1
IN2
ST1
ST2
IN1
IN2
VNxxxAx
VNxxx
OUT1
OUT2
OUT1
OUT2
VDD
VDD
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
Vbat_SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com