Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PD08 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 4Page - STMicroelectronics L99PD08 Datasheet HTML 5Page - STMicroelectronics L99PD08 Datasheet HTML 6Page - STMicroelectronics L99PD08 Datasheet HTML 7Page - STMicroelectronics L99PD08 Datasheet HTML 8Page - STMicroelectronics L99PD08 Datasheet HTML 9Page - STMicroelectronics L99PD08 Datasheet HTML 10Page - STMicroelectronics L99PD08 Datasheet HTML 11Page - STMicroelectronics L99PD08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Pin definitions and functions
L99PD08
8/41
Doc ID 15872 Rev 3
Figure 2.
Pinning of device in LQFP-32 package
2.1
ST-SPI: SCK, SDI, SDO, CSN
A 16-bit SPI interface is used to control the device. The communication interface is activated
by pulling CSN to low. The SDI is captured with the positive edge of SCK and the data is
shifted out at SDO at the negative edge of SCK. A CSN timeout is implemented.
2.2
CLK_IN0, CLK_IN1
These pins are used to run the two internal PWM base frequency counters to generate the
output PWM.
Each channel can be programmed as steady state ON/OFF output or a PWM output
through the PWM_EN (Addr: hex03) SPI register. During PWM mode, the PWM signal can
be generated either from CLK_IN0 or CLK_IN1 as base counter, selected through the SPI
register CLK_SEL (Addr: hex04). Phase shift and duty cycle are set through the dedicated
registers DUTY_CHx (Addr: hex10 – hex17) and PHASE_CHx (Addr: hex18 – hex1F).
CLK_IN0
124
OUT4
CLK_IN1
223
ST4/CS4
GND
322
OUT5
VDDIO
421
ST5/CS5
FAULTN
520
OUT6
SYNC
619
ST6/CS6
MUX_ST/CS
718
OUT7
VCORE3
817
ST7/CS7
PreDiag
Device
L99PD08
LQFP32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com