Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PD08 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 12Page - STMicroelectronics L99PD08 Datasheet HTML 13Page - STMicroelectronics L99PD08 Datasheet HTML 14Page - STMicroelectronics L99PD08 Datasheet HTML 15Page - STMicroelectronics L99PD08 Datasheet HTML 16Page - STMicroelectronics L99PD08 Datasheet HTML 17Page - STMicroelectronics L99PD08 Datasheet HTML 18Page - STMicroelectronics L99PD08 Datasheet HTML 19Page - STMicroelectronics L99PD08 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Electrical characteristics
L99PD08
16/41
Doc ID 15872 Rev 3
Table 10.
Output switches/fault pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOUTsat
Output saturation voltage
IOUT1-8 = 1 mA
0.1
0.3
V
Ileak
Output leakage current
OUTx off,
VOUT = 5.0 V
50
70
µA
VIL
(1)
Input low voltage
VCORE3 = 3.3 V, increasing
2.0
V
VIH
(1)
Input high voltage
VCORE3 = 3.3 V, decreasing
1.2
V
VCLAMPP
Positive clamping voltage
7
10
V
VCLAMPN Negative clamping voltage
-20
-16
V
1. Output switches read back only
Table 11.
Current sense/status inputs
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSAT
Input saturation voltage
IIN = 6 mA
2.4
3.0
3.5
V
IIN = 50 µA
0.8
1.0
1.4
V
IINHST
ST input current threshold to detect
high level
Increasing
80
110
140
µA
IINLST
ST input current threshold
to detect low level
Decreasing
50
85
110
µA
VCLAMPP
Positive clamping voltage
8
11
V
VCLAMPN
Negative clamping voltage
-20
-16
V
tTD_SENSE
low
Filter time for TD_SENSE = ‘0’
blanking (tCS_filter included)
300
600
µs
tTD_SENSE
high
Filter time for TD_SENSE = ‘1’
blanking (tCS_filter included)
600
1000
µs
tCS_OFF
CS filter OFF time
1.0
1.55
ms
tCS_filter
CS diagnosis filter time
54
111
µs
tON-state
ST diagnosis ON-State blanking time
200
350
µs
tON-OFF_trans
ST diagnosis ON-OFF transition
blanking time
20
33
µs
ttrans_valid
ST diagnosis transition valid time
20
190
µs
tOFF-state
ST diagnosis OFF-State blanking
time
1.0
1.55
ms
tST_filter
ST diagnosis filter time
54
111
µs
tblank
Blanking time for inrush current
CHx1,0 = [0,1], 15ms
15
21
ms
Blanking time for inrush current
CHx1,0 = [1,0], 70ms
70
100
ms
Blanking time for inrush current
CHx1,0 = [1,1], 200ms
200
280
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com