Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PD08 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 11Page - STMicroelectronics L99PD08 Datasheet HTML 12Page - STMicroelectronics L99PD08 Datasheet HTML 13Page - STMicroelectronics L99PD08 Datasheet HTML 14Page - STMicroelectronics L99PD08 Datasheet HTML 15Page - STMicroelectronics L99PD08 Datasheet HTML 16Page - STMicroelectronics L99PD08 Datasheet HTML 17Page - STMicroelectronics L99PD08 Datasheet HTML 18Page - STMicroelectronics L99PD08 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
L99PD08
Electrical characteristics
Doc ID 15872 Rev 3
15/41
5
Electrical characteristics
VDDIO = 3.15 V to 5.25 V, VCORE3 = 3.15 V to 3.4 V, Tj = -40 to 150 °C, unless otherwise
specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
Table 7.
Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDDIO
Operating supply voltage range
5V
4.75
5.0
5.25
V
Operating supply voltage range
3.3V
3.15
3.3
3.35
V
VCORE3
Regulated output voltage range Iout = 2 mA, VDDIO=5.0 V
3.15
3.3
3.35
V
ICORE
VDDIO DC supply current
VDDIO = 5.0 V,
EN=5.0 V,
All IOs open/floating
15
mA
VDDIO quiescent supply
current
VDDIO = 5.0 V = CSN,
EN = 0 (standby mode),
All IOs open/floating
01
µA
VDDIO quiescent supply
current
VDDIO = 3.3 V = CSN,
EN = 0 (standby mode),
all IOs open/floating
06
µA
Table 8.
Undervoltage detection
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VPOR OFF Power-on reset threshold
VCORE3 increasing
3.0
V
VPOR ON
Power-on reset threshold
VCORE3 decreasing
2.3
V
VPOR hyst
Power-on reset hysteresis
VPOR OFF - VPOR ON
0.3
V
Table 9.
EN pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VEN
High voltage
EN = VCORE3 rising/falling
1.0
-
2.0
V
VCLAMPP
Positive clamping voltage
7
-
10
V
VCLAMPN Negative clamping voltage
-20
-
-16
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com