Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PD08 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 28Page - STMicroelectronics L99PD08 Datasheet HTML 29Page - STMicroelectronics L99PD08 Datasheet HTML 30Page - STMicroelectronics L99PD08 Datasheet HTML 31Page - STMicroelectronics L99PD08 Datasheet HTML 32Page - STMicroelectronics L99PD08 Datasheet HTML 33Page - STMicroelectronics L99PD08 Datasheet HTML 34Page - STMicroelectronics L99PD08 Datasheet HTML 35Page - STMicroelectronics L99PD08 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
SPI
L99PD08
32/41
Doc ID 15872 Rev 3
The duration of the blank time can be set to three different timings in order to avoid any
wrong detection of failures during an inrush phase when switching on the load. During this
time the diagnostics doesn’t report any failures.
Note:
The Blanking time is started by turning the selected channel on. Write command to address
0x00 with a ‘1’ (former state ‘0’ => OFF).
If a channel is in on-state (ON_OFF reg = ‘1’), the corresponding BLK_TIMEx register is
write protected.
Note:
This blanking time is just used for analog devices and is related to the analog device
connected to the device (see VIP specification).
If a channel is in ON-state (ON_OFF reg = ‘1’), the corresponding TD_SENSE register is
write protected.
Table 32.
BLK_TIME1 register, hex07 (RW-Type)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CH7-1
CH7-0
CH6-1
CH6-0
CH5-1
CH5-0
CH4-1
CH4-0
Table 33.
BLK_TIME2 register, hex08 (RW-Type)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CH3-1
CH3-0
CH2-1
CH2-0
CH1-1
CH1-0
CH0-1
CH0-0
BLK_TIME
(CHx-1;CHx-0)
0 0 The blank time is not active after activation of the related channel.
0 1 The blank time is active after activation of the related channel and set
to 15 ms (minimum).
1 0 The blank time is active after activation of the related channel and set
to 70 ms (minimum).
1 1 The blank time is active after activation of the related channel and
set to 200ms (minimum) (default).
Table 34.
TD_SENSE register, hex09 (RW-Type)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
CHx 0
the diagnosis is activated 300 µs(min) after the rising edge of the output OUTx
1
the diagnosis is activated 600 µs(min) after the rising edge of the output OUTx
(default)
Table 35.
CFR register, hex0A (RW-Type)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com