Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PD08 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 27Page - STMicroelectronics L99PD08 Datasheet HTML 28Page - STMicroelectronics L99PD08 Datasheet HTML 29Page - STMicroelectronics L99PD08 Datasheet HTML 30Page - STMicroelectronics L99PD08 Datasheet HTML 31Page - STMicroelectronics L99PD08 Datasheet HTML 32Page - STMicroelectronics L99PD08 Datasheet HTML 33Page - STMicroelectronics L99PD08 Datasheet HTML 34Page - STMicroelectronics L99PD08 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
L99PD08
SPI
Doc ID 15872 Rev 3
31/41
Setting the ASDT bit to 1 means the automatic shutdown function is switched ON and the
channel is switched OFF after setting the OT_FAULT (over temperature or power limitation)
bit to 1. This can happen with a digital HSD either reaching the thermal shut down (or power
limitation) or detecting ambiguous failure with OT_FAULT.
Note, that the thermal shutdown is detected at 6mA regardless of the current range
After OT_FAULT register is “Read & Cleared” (clear status code, see 6.6), the device
activates the corresponding channel after clear according to setting.
1
The external clock source signal CLK_IN1 is selected for internal generation of
PWM signal for OUTx channel. The PWM period is the received clock signal
divided by 256.
CHx PWM input signal selection for Ox channel
Table 30.
ASDT register, hex05 (RW-Type)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
CHx 0
Automatic shutdown of thermal cycling is switched off
1
Automatic shutdown of thermal cycling is switched on (default)
Table 31.
DET_DIAG register, hex06 (RW-Type)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
CHx
0
Automatic detailed diagnosis is disabled.
1
Automatic detailed diagnosis is enabled, switching off is activated when failure in on-
state is detected. The purpose is to have short off-state (27 µs typ +/-6us) in order to
have detailed information of the failure. The delay between discriminating pulses is 4 ms
(default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com