Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PD08 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 14Page - STMicroelectronics L99PD08 Datasheet HTML 15Page - STMicroelectronics L99PD08 Datasheet HTML 16Page - STMicroelectronics L99PD08 Datasheet HTML 17Page - STMicroelectronics L99PD08 Datasheet HTML 18Page - STMicroelectronics L99PD08 Datasheet HTML 19Page - STMicroelectronics L99PD08 Datasheet HTML 20Page - STMicroelectronics L99PD08 Datasheet HTML 21Page - STMicroelectronics L99PD08 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Electrical characteristics
L99PD08
18/41
Doc ID 15872 Rev 3
Table 13.
Current MUX_ST/CS ratio
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
k0_00
current MUX_ST/CS ratio
@ ICS = 2.04 mA
CFL = 0, OLOVL[1,0] = 0,0
0.790
0.833
0.910
-
current MUX_ST/CS ratio
@ ICS = 70% * 2.04 mA
0.780
0.833
0.910
-
current MUX_ST/CS ratio
@ ICS = 35% * 2.04 mA
0.760
0.833
0.930
-
current MUX_ST/CS ratio
@ ICS = 5% * 2.04 mA
0.700
0.833
0.980
-
k0_01
current MUX_ST/CS ratio
@ ICS = 3.4 mA
CFL = 0, OLOVL[1,0] = 0,1
0.470
0.500
0.520
-
current MUX_ST/CS ratio
@ ICS = 70% * 3.4 mA
0.470
0.500
0.520
-
current MUX_ST/CS ratio
@ ICS = 35% * 3.4 mA
0.470
0.500
0.530
-
current MUX_ST/CS ratio
@ ICS = 5% * 3.4 mA
0.450
0.500
0.550
-
k0_10
current MUX_ST/CS ratio
@ ICS = 5.1 mA
CFL = 0, OLOVL[1,0] = 1,0
0.310
0.333
0.350
-
current MUX_ST/CS ratio
@ ICS = 70% * 5.1 mA
0.310
0.333
0.350
-
current MUX_ST/CS ratio
@ ICS = 35% * 5.1 mA
0.300
0.333
0.360
-
current MUX_ST/CS ratio
@ ICS = 5% * 5.1 mA
0.300
0.333
0.370
-
k0_11
current MUX_ST/CS ratio
@ ICS = 10.2 mA
CFL = 0, OLOVL[1,0] = 1,1
0.150
0.167
0.180
-
current MUX_ST/CS ratio
@ ICS = 70% * 10.2 mA
0.150
0.167
0.180
-
current MUX_ST/CS ratio
@ ICS = 35% * 10.2 mA
0.150
0.167
0.180
-
current MUX_ST/CS ratio
@ ICS = 5% * 10.2 mA
0.150
0.167
0.180
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com