Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PD08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 1 Page - STMicroelectronics

  L99PD08 Datasheet HTML 1Page - STMicroelectronics L99PD08 Datasheet HTML 2Page - STMicroelectronics L99PD08 Datasheet HTML 3Page - STMicroelectronics L99PD08 Datasheet HTML 4Page - STMicroelectronics L99PD08 Datasheet HTML 5Page - STMicroelectronics L99PD08 Datasheet HTML 6Page - STMicroelectronics L99PD08 Datasheet HTML 7Page - STMicroelectronics L99PD08 Datasheet HTML 8Page - STMicroelectronics L99PD08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
April 2010
Doc ID 15872 Rev 3
1/41
1
L99PD08
SPI control diagnosis interface device for
VIPower™ M0-5 and M0-5E high side drivers
Features
I 8 channel VIPower driver and diagnostics
device
I Supports analog and digital VIPower status
readback
I 8 independent PWM channels
I Selectable PWM base clock (2 external, one
internal)
I Programmable PWM turn on phase shift
I Programmable diagnostic thresholds (analog
VIPower)
I Programmable over temperature latch off for
enhanced HSD short circuit reliability
I Limp home safety mode
I ST-SPI interface protocol for data
communication
I External enable pin for low power mode
I Detailed and filtered diagnostic for each
channel
I Direct multiplexed VIPower status / current
sense feedback
I Supply voltage 3.3 or 5.0 V (two pins)
Applications
I Exterior and interior automotive light system
Description
The device has integrated several functions which
save job load of the microcontroller and save
necessary connections to the microcontroller. It’s
possible to connect analog and digital high side
drivers (HSD) to the device and control them via
SPI interface. A synchronous detailed diagnostics
feature is integrated.
The device has 8 outputs to the HSD with the
possibility to be driven either by steady state
ON/OFF mode or by PWM. Two clock inputs used
as base frequency to generate the PWM signal
internally are provided. The outputs are fully
independent and can also be driven with phase
shift to improve characteristics of power net
during the inrush phase. The device has 8 current
sense (CS)/status (ST) pins connected to the
HSD to run diagnostics. The index of ST/CS pin
corresponds to the input connected to the same
HSD channel (ST0/CS0 with OUT0, ST1/CS1
with OUT1 …).
LQFP32
Table 1.
Summary device
Package
Order codes
Tube
Tape and reel
LQFP32
L99PD08
L99PD08TR
www.st.com


Similar Part No. - L99PD08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99PM60J STMICROELECTRONICS-L99PM60J Datasheet
1Mb / 22P
for car body applications
Oct-2013
L99PM60J STMICROELECTRONICS-L99PM60J Datasheet
884Kb / 75P
Power management IC with LIN transceiver
19-Sep-2013
L99PM60JTR STMICROELECTRONICS-L99PM60JTR Datasheet
884Kb / 75P
Power management IC with LIN transceiver
19-Sep-2013
L99PM62GXP STMICROELECTRONICS-L99PM62GXP Datasheet
1Mb / 22P
for car body applications
Oct-2013
L99PM62GXP STMICROELECTRONICS-L99PM62GXP Datasheet
1Mb / 102P
Power management IC with LIN and high speed CAN
19-Sep-2013
More results

Similar Description - L99PD08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
ISD9160 ETC2-ISD9160 Datasheet
469Kb / 23P
ISD Cortex-M0 ChipCorder
logo
STMicroelectronics
UM1556 STMICROELECTRONICS-UM1556 Datasheet
2Mb / 87P
VIPower M0-5 and M0-5Enhanced
18-Sep-2013
UM1693 STMICROELECTRONICS-UM1693 Datasheet
8Mb / 196P
M0-7 standard high-side drivers hardware design guide
03-Feb-2015
VND5004B STMICROELECTRONICS-VND5004B Datasheet
303Kb / 2P
M0-5 solution for power management
Jan-2008
logo
NXP Semiconductors
PN7360AUHN NXP-PN7360AUHN Datasheet
716Kb / 86P
NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
NUC131 NUVOTON-NUC131 Datasheet
2Mb / 75P
ARM짰 Cortex??M0 core
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
ISD Cortex??M0 ChipCorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com