Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PD08 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99PD08
Description  SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PD08 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99PD08 Datasheet HTML 17Page - STMicroelectronics L99PD08 Datasheet HTML 18Page - STMicroelectronics L99PD08 Datasheet HTML 19Page - STMicroelectronics L99PD08 Datasheet HTML 20Page - STMicroelectronics L99PD08 Datasheet HTML 21Page - STMicroelectronics L99PD08 Datasheet HTML 22Page - STMicroelectronics L99PD08 Datasheet HTML 23Page - STMicroelectronics L99PD08 Datasheet HTML 24Page - STMicroelectronics L99PD08 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
L99PD08
Electrical characteristics
Doc ID 15872 Rev 3
21/41
An external pull down of 10 kOhm is recommended to guarantee sufficient low level in case
of VDDIO is not connected.
Table 14.
Current sense diagnostic thresholds
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IOPLD
Open-load detection current
threshold (1:1)
CFL = 1, OLOVL[1,0] = 0,0
3.5
5
6.5
µA
CFL = 1, OLOVL[1,0] = 0,1
3.5
5
6.5
CFL = 1, OLOVL[1,0] = 1,0
6
10
13
CFL = 1, OLOVL[1,0] = 1,1
31
40
47
Open-load detection current
threshold (1:10)
CFL = 0, OLOVL[1,0] = 0,0
35
50
65
µA
CFL = 0, OLOVL[1,0] = 0,1
35
50
65
CFL = 0, OLOVL[1,0] = 1,0
60
100
130
CFL = 0, OLOVL[1,0] = 1,1
310
400
470
IOVLD
Overload detection current
threshold (1:1)
CFL = 1, OLOVL[1,0] = 0,0
90
120
150
µA
CFL = 1, OLOVL[1,0] = 0,1
190
240
290
CFL = 1, OLOVL[1,0] = 1,0
300
360
420
CFL = 1, OLOVL[1,0] = 1,1
490
600
720
Overload detection current
threshold (1:10)
CFL = 0, OLOVL[1,0] = 0,0
0.9
1.2
1.5
mA
CFL = 0, OLOVL[1,0] = 0,1
1.9
2.4
2.9
CFL = 0, OLOVL[1,0] = 1,0
3.0
3.6
4.2
CFL = 0, OLOVL[1,0] = 1,1
4.9
6.0
7.2
IOVTEMP
Over temperature
4.9
6.0
7.2
mA
Table 15.
LHOMEN and SYNC pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL
Output low voltage
Iout = 5 mA
-
0.4
V
VOH
Output high voltage
Iout = 5 mA
VDDIO
– 1.0
-V
VCLAMPP
Positive clamping voltage
7
-
10
V
VCLAMPN Negative clamping voltage
-20
-
-16
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com