Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563H Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6563H
Description  High voltage start-up transition-mode PFC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6563H Datasheet HTML 7Page - STMicroelectronics L6563H Datasheet HTML 8Page - STMicroelectronics L6563H Datasheet HTML 9Page - STMicroelectronics L6563H Datasheet HTML 10Page - STMicroelectronics L6563H Datasheet HTML 11Page - STMicroelectronics L6563H Datasheet HTML 12Page - STMicroelectronics L6563H Datasheet HTML 13Page - STMicroelectronics L6563H Datasheet HTML 14Page - STMicroelectronics L6563H Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
L6563H
Electrical characteristics
Doc ID 16047 Rev 2
11/48
4
Electrical characteristics
TJ = -25 to 125 °C, VCC = 12 V, CO = 1 nF between pin GD and GND, CFF = 1 µF and
RFF = 1 MΩ between pin VFF and GND; unless otherwise specified
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
Supply voltage
Vcc
Operating range
After turn-on
10.3
22.5
V
VccOn
Turn-on threshold
(1)
11
12
13
V
VccOff
Turn-off threshold
(1)
8.7
9.5
10.3
V
Vccrestart Vcc for resuming from latch
OVP latched
5
6
7
V
Hys
Hysteresis
2.3
2.7
V
VZ
Zener voltage
Icc = 20 mA
22.5
25
28
V
Supply current
Istart-up
Start-up current
Before turn-on, Vcc = 10 V
90
150
µA
Iq
Quiescent current
After turn-on, VMULT = 1 V
4
5
mA
ICC
Operating supply current
@ 70 kHz
5
6.0
mA
Iqdis
Idle state quiescent current
VPFC_OK > VPFC_OK_S AND
VINV < VPFC_OK – VFFD
180
280
µA
VPFC_OK < VPFC_OK_D OR
VRUN < VDIS
1.5
2.2
mA
Iq
Quiescent current
VPFC_OK > VPFC_OK_S OR
VCOMP < 2.3 V
2.2
3
mA
High-voltage start-up generator
VHV
Breakdown voltage
IHV < 100 µA
700
V
VHVstart
Start voltage
IVcc < 100 µA
65
80
100
V
Icharge
Vcc charge current
VHV > VHvstart, Vcc > 3 V
0.55
0.85
1
mA
IHV, ON
ON-state current
VHV > VHvstart, Vcc > 3 V
1.6
mA
VHV > VHvstart, Vcc = 0
0.8
IHV, OFF
OFF-state leakage current
VHV = 400 V
40
µA
VCCrestart Vcc restart voltage
Vcc falling
5
6
7
V
IC latched off (1)
8.7
9.5
10.3
Multiplier input
IMULT
Input bias current
VMULT = 0 to 3 V
-0.2
-1
µA
VMULT
Linear operation range
0 to 3
V
VCLAMP
Internal clamp level
IMULT = 1 mA
9
9.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com