Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563H Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6563H
Description  High voltage start-up transition-mode PFC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6563H Datasheet HTML 28Page - STMicroelectronics L6563H Datasheet HTML 29Page - STMicroelectronics L6563H Datasheet HTML 30Page - STMicroelectronics L6563H Datasheet HTML 31Page - STMicroelectronics L6563H Datasheet HTML 32Page - STMicroelectronics L6563H Datasheet HTML 33Page - STMicroelectronics L6563H Datasheet HTML 34Page - STMicroelectronics L6563H Datasheet HTML 35Page - STMicroelectronics L6563H Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Application information
L6563H
32/48
Doc ID 16047 Rev 2
6.7
Power management/housekeeping functions
A special feature of this IC is that it facilitates the implementation of the “housekeeping”
circuitry needed to co-ordinate the operation of the PFC stage to that of the cascaded DC-
DC converter. The functions realized by the housekeeping circuitry ensure that transient
conditions like power-up or power down sequencing or failures of either power stage be
properly handled.
This device provides some pins to do that. One communication line between the IC and the
PWM controller of the cascaded dc-dc converter is the pin PWM_LATCH (Figure 47b),
which is normally open (high impedance) when the PFC works properly, and goes high if it
loses control of the output voltage (because of a feedback loop disconnection) with the aim
of latching off the PWM controller of the cascaded dc-dc converter as well (see “Feedback
failure protection” section for more details).
A second communication line can be established via the disable function included in the
PFC_OK pin (see “Feedback failure protection” section for more details). Typically this line is
used to allow the PWM controller of the cascaded dc-dc converter to drive in burst mode
operation the L6563H in case of light load and to minimize the no-load input consumption.
Interface circuits like those are shown in Figure 46.
Figure 46.
Interface circuits that let dc-dc converter's controller IC drive L6563H in
burst mode
The third communication line is the pin PWM_STOP (#11), which works in conjunction with
the pin RUN (#12). The purpose of the PWM_STOP pin is to inhibit the PWM activity of both
the PFC stage and the cascaded dc-dc converter. The pin is an open collector, normally
open, that goes low if the device is disabled by a voltage lower than 0.8 V on the RUN pin. It
is important to point out that this function works correctly in systems where the PFC stage is
the master and the cascaded dc-dc converter is the slave or, in other words, where the PFC
stage starts first, powers both controllers and enables/disables the operation of the dc-dc
stage. The pin RUN can be used to start and stop the main converter. In the simplest case,
to enable/disable the PWM controller the pin PWM_STOP can be connected to the output of
the error amplifier (Figure 47a).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com