Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563H Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6563H
Description  High voltage start-up transition-mode PFC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6563H Datasheet HTML 26Page - STMicroelectronics L6563H Datasheet HTML 27Page - STMicroelectronics L6563H Datasheet HTML 28Page - STMicroelectronics L6563H Datasheet HTML 29Page - STMicroelectronics L6563H Datasheet HTML 30Page - STMicroelectronics L6563H Datasheet HTML 31Page - STMicroelectronics L6563H Datasheet HTML 32Page - STMicroelectronics L6563H Datasheet HTML 33Page - STMicroelectronics L6563H Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Application information
L6563H
30/48
Doc ID 16047 Rev 2
1.
Determine the input RMS voltage Vinclamp that produces Vo = Vox:
and choose a value Vinx such that Vin2 ≤ Vinx < Vinclamp. This results in a limitation of
the output voltage range below Vox (it is equal Vox if one chooses Vinx = Vinclamp)
2.
Determine the divider ratio of the MULT pin (#3) bias:
and check that at minimum mains voltage Vin1 the peak voltage on pin 3 is greater than
0.65 V.
3.
Determine R1, the upper resistor of the output divider, for instance 3 M
Ω.
4.
Calculate the lower resistor R2 of the output divider and the adjustment resistor RT:
5.
Check that the maximum current sourced by the TBO pin (#6) does not exceed the
maximum specified (0.2 mA):
Figure 43
shows the internal block diagram of the tracking boost function.
Figure 43.
Tracking boost block
1
1
2
2
2
1
2
1
clamp
Vin
Vo
Vo
Vo
Vox
Vin
Vo
Vo
Vo
Vox
Vin
⋅
−
−
−
⋅
−
−
=
x
Vin
2
3
k
⋅
=
()
(
)
⎪
⎪
⎩
⎪⎪
⎨
⎧
−
−
⋅
⋅
⋅
=
⋅
−
−
⋅
−
−
⋅
⋅
=
1
2
1
2
T
1
2
2
1
1
2
Vo
Vo
Vin
Vin
1
R
k
2
R
Vin
5
.
2
Vo
Vin
5
.
2
Vo
Vin
Vin
1
R
5
.
2
2
R
3
T
max
TBO
10
2
.
0
R
3
I
−
⋅
≤
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com