Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563H Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6563H
Description  High voltage start-up transition-mode PFC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6563H Datasheet HTML 20Page - STMicroelectronics L6563H Datasheet HTML 21Page - STMicroelectronics L6563H Datasheet HTML 22Page - STMicroelectronics L6563H Datasheet HTML 23Page - STMicroelectronics L6563H Datasheet HTML 24Page - STMicroelectronics L6563H Datasheet HTML 25Page - STMicroelectronics L6563H Datasheet HTML 26Page - STMicroelectronics L6563H Datasheet HTML 27Page - STMicroelectronics L6563H Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Application information
L6563H
24/48
Doc ID 16047 Rev 2
6
Application information
6.1
Overvoltage protection
Normally, the voltage control loop keeps the output voltage Vo of the PFC pre-regulator
close to its nominal value, set by the ratio of the resistors R1 and R2 of the output divider. A
pin of the device (PFC_OK) has been dedicated to monitor the output voltage with a
separate resistor divider (R3 high, R4 low, see Figure 38). This divider is selected so that
the voltage at the pin reaches 2.5 V if the output voltage exceeds a preset value, usually
larger than the maximum Vo that can be expected.
Example: VO = 400 V, VOX = 434 V. Select: R3 = 8.8 MΩ; then: R4 = 8.8 MΩ ·2.5/(434-2.5) =
51 k
Ω.
When this function is triggered, the gate drive activity is immediately stopped until the
voltage on the pin PFC_OK drops below 2.4 V. Notice that R1, R2, R3 and R4 can be
selected without any constraints. The unique criterion is that both dividers have to sink a
current from the output bus which needs to be significantly higher than the bias current of
both INV and PFC_OK pins.
Figure 38.
Output voltage setting, OVP and FFP functions: internal block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com