Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563H Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6563H
Description  High voltage start-up transition-mode PFC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6563H Datasheet HTML 9Page - STMicroelectronics L6563H Datasheet HTML 10Page - STMicroelectronics L6563H Datasheet HTML 11Page - STMicroelectronics L6563H Datasheet HTML 12Page - STMicroelectronics L6563H Datasheet HTML 13Page - STMicroelectronics L6563H Datasheet HTML 14Page - STMicroelectronics L6563H Datasheet HTML 15Page - STMicroelectronics L6563H Datasheet HTML 16Page - STMicroelectronics L6563H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
L6563H
Electrical characteristics
Doc ID 16047 Rev 2
13/48
VPFC_OK_E Enable threshold
(1) voltage rising
0.15
0.38
V
VPFC_OK_E Enable threshold
(1) voltage rising Tj = 25 °C
0.21
0.27
0.32
V
VFFD
Feedback failure detection
threshold (VPFC_OK -VINV)
VPFC_OK = VPFC_OK_S
15
40
65
mV
VFFD
Feedback failure detection
threshold (VPFC_OK -VINV)
VPFC_OK = VPFC_OK_S
Tj = 25 °C
25
40
55
mV
Zero current detector
VZCDH
Upper clamp voltage
IZCD = 2.5 mA
5.0
5.7
V
VZCDL
Lower clamp voltage
IZCD = - 2.5 mA
-0.3
0
0.3
V
VZCDA
Arming voltage
(positive-going edge)
1.1
1.4
1.9
V
VZCDT
Triggering voltage
(negative-going edge)
0.5
0.7
0.9
V
IZCDb
Input bias current
VZCD = 1 to 4.5 V
1
µA
IZCDsrc
Source current capability
-2.5
-4
mA
IZCDsnk
Sink current capability
2.5
5
mA
Tracking boost function
ΔV
Dropout voltage VVFF-VTBO
ITBO = 0.2 mA
-20
20
mV
ITBO
Linear operation
0
0.2
mA
IINV-ITBO current mismatch
ITBO = 25 µA to 0.2mA
-5.5
1.0
%
IINV-ITBO current mismatch
ITBO = 25 µA to 0.2mA
TJ = 25 °C
-4.0
+0
%
VTBOclamp Clamp voltage
(3) V
VFF = 4 V
2.9
3
3.1
V
ITBO_Pull
Pull-up current
VTBO = 1 V
VFF = VMULT = 0 V
2
μA
PWM_STOP
Ileak
High level leakage current
VPWM_STOP = Vcc
1
µA
VL
Low level
IPWM_STOP = 0.5 mA
1
V
RUN function
IRUN
Input bias current
VRUN = 0 to 3 V
-1
µA
VDIS
Disable threshold
(3) voltage falling
0.745
0.8
0.855
V
VEN
Enable threshold
(3) voltage rising
0.845 0.88 0.915
V
Start-up timer
tSTART_DEL Start-up delay
First cycle after wake-up
25
50
75
µs
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com