Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563H Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6563H
Description  High voltage start-up transition-mode PFC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6563H Datasheet HTML 10Page - STMicroelectronics L6563H Datasheet HTML 11Page - STMicroelectronics L6563H Datasheet HTML 12Page - STMicroelectronics L6563H Datasheet HTML 13Page - STMicroelectronics L6563H Datasheet HTML 14Page - STMicroelectronics L6563H Datasheet HTML 15Page - STMicroelectronics L6563H Datasheet HTML 16Page - STMicroelectronics L6563H Datasheet HTML 17Page - STMicroelectronics L6563H Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Electrical characteristics
L6563H
14/48
Doc ID 16047 Rev 2
tSTART
Timer period
75
150
300
µs
Restart after VCS > VCS_th
150
300
600
Voltage feedforward
VVFF
Linear operation range
0.8
3
V
ΔV
Dropout VMULTpk-VVFF
Vcc < VccOn
800
mV
Vcc > or = to VccOn
20
ΔVVFF
Line drop detection threshold
Below peak value
40
70
100
mV
ΔVVFF
Line drop detection threshold
Below peak value
TJ = 25 °C
50
70
90
mV
RDISCH
Internal discharge resistor
TJ = 25 °C
7.5
10
12.5
k
Ω
520
VVFF
Linear operation range
0.8
3
V
PWM_LATCH
Ileak
Low level leakage current
VPWM_LATCH = 0
-1
µA
VH
High level
IPWM_LATCH = -0.5 mA
4.5
V
VH
High level
IPWM_LATCH = -0.25 mA
Vcc = VccOff
2.5
V
VH
High level
IPWM_LATCH = -0.25 mA
Vcc = VccOff TJ = 25 °C
2.8
V
Gate driver
VOL
Output low voltage
Isink = 100 mA
0.6
1.2
V
VOH
Output high voltage
Isource = 5 mA
9.8
10.3
V
Isrcpk
Peak source current
-0.6
A
Isnkpk
Peak sink current
0.8
A
tf
Voltage fall time
30
60
ns
tr
Voltage rise time
45
110
ns
VOclamp
Output clamp voltage
Isource = 5 mA; Vcc = 20 V
10
12
15
V
UVLO saturation
Vcc= 0 to VCCon, Isink = 2 mA
1.1
V
1.
Parameters tracking each other
2.
The multiplier output is given by:
3.
Parameters tracking each other
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
()
2
VFF
V
5
.
2
COMP
V
MULT
V
K
V
cs
V
M
CS_Ofst
−
⋅
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com