Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563H Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6563H
Description  High voltage start-up transition-mode PFC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6563H Datasheet HTML 31Page - STMicroelectronics L6563H Datasheet HTML 32Page - STMicroelectronics L6563H Datasheet HTML 33Page - STMicroelectronics L6563H Datasheet HTML 34Page - STMicroelectronics L6563H Datasheet HTML 35Page - STMicroelectronics L6563H Datasheet HTML 36Page - STMicroelectronics L6563H Datasheet HTML 37Page - STMicroelectronics L6563H Datasheet HTML 38Page - STMicroelectronics L6563H Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
L6563H
Application information
Doc ID 16047 Rev 2
35/48
6.8
High-voltage start-up generator
Figure 51
shows the internal schematic of the high-voltage start-up generator (HV
generator). It is made up of a high-voltage N-channel FET, whose gate is biased by a 15 M
Ω
resistor, with a temperature-compensated current generator connected to its source.
Figure 51.
High-voltage start-up generator: internal schematic
The HV generator is physically located on a separate chip, made with BCD off-line
technology able to withstand 700 V, controlled by a low-voltage chip, where all of the control
functions reside.
With reference to the timing diagram of Figure 52, when power is first applied to the
converter the voltage on the bulk capacitor (Vin) builds up and, at about 80 V, the HV
generator is enabled to operate (HV_EN is pulled high) so that it draws about 1 mA. This
current, minus the device's consumption, charges the bypass capacitor connected from pin
Vcc (16) to ground and makes its voltage rise almost linearly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com