Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563H Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6563H
Description  High voltage start-up transition-mode PFC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6563H Datasheet HTML 36Page - STMicroelectronics L6563H Datasheet HTML 37Page - STMicroelectronics L6563H Datasheet HTML 38Page - STMicroelectronics L6563H Datasheet HTML 39Page - STMicroelectronics L6563H Datasheet HTML 40Page - STMicroelectronics L6563H Datasheet HTML 41Page - STMicroelectronics L6563H Datasheet HTML 42Page - STMicroelectronics L6563H Datasheet HTML 43Page - STMicroelectronics L6563H Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Application examples and ideas
L6563H
40/48
Doc ID 16047 Rev 2
Figure 56.
L6563H 100 W TM PFC evaluation
board: compliance to EN61000-3-2
standard
Figure 57.
L6563H 100 W TM PFC evaluation
board: compliance to JEITA-MITI
standard
Vin = 230 Vac - 50 Hz, Pout = 100 W
THD = 7.58%, PF = 0.979
Vin = 100 Vac - 50 Hz, Pout = 100 W
THD = 2.5%, PF = 0.997
Figure 58.
L6563H 100 W TM PFC evaluation
board: input current waveform
@230-50 Hz - 100 W load
Figure 59.
L6563H 100W TM PFC evaluation
board: input current waveform
@100 V-50 Hz - 100 W load
 
0.0001
0.001
0.01
0.1
1
1
3
5
7
9 11 1315 171921 2325 27 29 3133 353739
Harmonic Order [n]
Measured value
EN61000-3- 2 class-D lim it s
0.0001
0.001
0.01
0.1
1
10
1
3 5 7 9 11 13 15171921 23 2527 2931 33 3537 39
Harmonic Order [n]
Measured value
JEITA-MITI Class-D limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com