Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563H Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6563H
Description  High voltage start-up transition-mode PFC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6563H Datasheet HTML 16Page - STMicroelectronics L6563H Datasheet HTML 17Page - STMicroelectronics L6563H Datasheet HTML 18Page - STMicroelectronics L6563H Datasheet HTML 19Page - STMicroelectronics L6563H Datasheet HTML 20Page - STMicroelectronics L6563H Datasheet HTML 21Page - STMicroelectronics L6563H Datasheet HTML 22Page - STMicroelectronics L6563H Datasheet HTML 23Page - STMicroelectronics L6563H Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Typical electrical performance
L6563H
20/48
Doc ID 16047 Rev 2
Figure 24.
PFC_OK FFD threshold vs TJ
Figure 25.
PWM_LATCH high saturation vs TJ
 
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
 
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC= 12V
Isource =500uA
Isource =250uA
Figure 26.
RUN threshold vs TJ
Figure 27.
PWM_STOP low saturation vs TJ
 
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC = 12V
ON
OFF
0
0. 05
0.1
0. 15
0.2
0. 25
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC = 12V
Isink = 0. 5m A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com