Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563H Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6563H
Description  High voltage start-up transition-mode PFC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H Datasheet(HTML) 5 Page - STMicroelectronics

  L6563H Datasheet HTML 1Page - STMicroelectronics L6563H Datasheet HTML 2Page - STMicroelectronics L6563H Datasheet HTML 3Page - STMicroelectronics L6563H Datasheet HTML 4Page - STMicroelectronics L6563H Datasheet HTML 5Page - STMicroelectronics L6563H Datasheet HTML 6Page - STMicroelectronics L6563H Datasheet HTML 7Page - STMicroelectronics L6563H Datasheet HTML 8Page - STMicroelectronics L6563H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
L6563H
List of figure
Doc ID 16047 Rev 2
5/48
Figure 49.
Interface circuits for actual power-up sequencing (master PFC) . . . . . . . . . . . . . . . . . . . . 34
Figure 50.
Brownout protection (master PFC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 51.
High-voltage start-up generator: internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 52.
Timing diagram: normal power-up and power-down sequences . . . . . . . . . . . . . . . . . . . . 36
Figure 53.
High-voltage start-up behaviour during latch-off protection . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 54.
High-voltage start-up managing the dc-dc output short-circuit . . . . . . . . . . . . . . . . . . . . . . 37
Figure 55.
Demonstration board EVL6563H-100W, wide-range mains: electrical schematic . . . . . . . 39
Figure 56.
L6563H 100 W TM PFC evaluation board: compliance to EN61000-3-2 standard . . . . . . 40
Figure 57.
L6563H 100 W TM PFC evaluation board: compliance to JEITA-MITI standard . . . . . . . . 40
Figure 58.
L6563H 100 W TM PFC evaluation board: input current waveform @230-50 Hz - 100 W 40
Figure 59.
L6563H 100W TM PFC evaluation board: input current waveform @100-50 Hz - 100 W 40
Figure 60.
Application board 90W-19V adapter with L6563H, L6599A, SRK2000 . . . . . . . . . . . . . . . 41
Figure 61.
Application board 130 W-12 V adapter with L6563H, L6599A, SRK2000 . . . . . . . . . . . . . 42
Figure 62.
Demonstration board EVL6563H-650W wide-range mains: electrical schematics. . . . . . . 43
Figure 63.
SO16 mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com