Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 102 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 102 Page - STMicroelectronics

Back Button M24LR64-R Datasheet HTML 98Page - STMicroelectronics M24LR64-R Datasheet HTML 99Page - STMicroelectronics M24LR64-R Datasheet HTML 100Page - STMicroelectronics M24LR64-R Datasheet HTML 101Page - STMicroelectronics M24LR64-R Datasheet HTML 102Page - STMicroelectronics M24LR64-R Datasheet HTML 103Page - STMicroelectronics M24LR64-R Datasheet HTML 104Page - STMicroelectronics M24LR64-R Datasheet HTML 105Page - STMicroelectronics M24LR64-R Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 126 page
background image
Commands codes
M24LR64-R
102/126
Doc ID 15170 Rev 9
26.17
Fast Read Single Block
On receiving the Fast Read Single Block command, the M24LR64-R reads the requested
block and sends back its 32-bit value in the response. The Option_flag is supported. The
data rate of the response is multiplied by 2.
The Protocol_extention_flag should be set to 1 for the M24LR64-R to operate correctly. If
the Protocol_extention_flag is at 0, the M24LR64-R answers with an error code.
Request parameters:
●
Option_flag
●
UID (optional)
●
Block number
Response parameters:
●
Sector security status if Option_flag is set (see Table 85)
●
4 bytes of block data
Table 83.
Fast Read Single Block request format
Request
SOF
Request_
flags
Fast Read
Single
Block
IC Mfg
code
UID(1)
1.
Gray means that the field is optional.
Block
number
CRC16
Request
EOF
8 bits
C0h
02h
64 bits
16 bits
16 bits
Table 84.
Fast Read Single Block response format when Error_flag is NOT set
Response
SOF
Response
_flags
Sector
security
status(1)
1.
Gray means that the field is optional.
Data
CRC16
Response
EOF
8 bits
8 bits
32 bits
16 bits
Table 85.
Sector security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future used. All
at 0
password control
bits
Read / Write
protection bits
0: Current sector not locked
1: Current sector locked
Table 86.
Fast Read Single Block response format when Error_flag is set
Response
SOF
Response_
flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com