Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 106 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 106 Page - STMicroelectronics

Back Button M24LR64-R Datasheet HTML 102Page - STMicroelectronics M24LR64-R Datasheet HTML 103Page - STMicroelectronics M24LR64-R Datasheet HTML 104Page - STMicroelectronics M24LR64-R Datasheet HTML 105Page - STMicroelectronics M24LR64-R Datasheet HTML 106Page - STMicroelectronics M24LR64-R Datasheet HTML 107Page - STMicroelectronics M24LR64-R Datasheet HTML 108Page - STMicroelectronics M24LR64-R Datasheet HTML 109Page - STMicroelectronics M24LR64-R Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 126 page
background image
Commands codes
M24LR64-R
106/126
Doc ID 15170 Rev 9
26.20
Fast Read Multiple Block
On receiving the Fast Read Multiple Block command, the M24LR64-R reads the selected
blocks and sends back their value in multiples of 32 bits in the response. The blocks are
numbered from '00h to '7FFh' in the request and the value is minus one (–1) in the field. For
example, if the “number of blocks” field contains the value 06h, 7 blocks are read. The
maximum number of blocks is fixed to 32 assuming that they are all located in the same
sector. If the number of blocks overlaps sectors, the M24LR64-R returns an error code.
The Protocol_extention_flag should be set to 1 for the M24LR64-R to operate correctly. If
the Protocol_extention_flag is at 0, the M24LR64-R answers with an error code.
The Option_flag is supported. The data rate of the response is multiplied by 2.
Request parameters:
●
Option_flag
●
UID (Optional)
●
First block number
●
Number of blocks
Response parameters:
●
Sector security status if Option_flag is set (see Table 93: Sector security status if
Option_flag is set)
●
N block of data
Table 91.
Fast Read Multiple Block request format
Request
SOF
Request_
flags
Fast
Read
Multiple
Block
IC Mfg
code
UID(1)
1.
Gray means that the field is optional.
First
block
number
Number
of
blocks
CRC16
Request
EOF
8 bits
C3h
02h
64 bits
16 bits
8 bits
16 bits
Table 92.
Fast Read Multiple Block response format when Error_flag is NOT set
Response
SOF
Response_
flags
Sector
security
status(1)
1.
Gray means that the field is optional.
Data
CRC16
Response
EOF
8 bits
8 bits(2)
2.
Repeated as needed.
32 bits(2)
16 bits
Table 93.
Sector security status if Option_flag is set
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use.
All at 0
password
control bits
Read / Write
protection bits
0: Current sector not locked
1: Current sector locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com