Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 44 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 44 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 40Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 41Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 42Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 43Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 44Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 45Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 46Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 47Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
ADT7476A
http://onsemi.com
44
Step 8—THYST for Temperature Channels
THYST is the amount of extra cooling a fan provides after
the temperature measured has dropped back below TMIN
before the fan turns off. The premise for temperature
hysteresis (THYST) is that without it, the fan would merely
chatter, or cycle on and off regularly, whenever the
temperature hovers around the TMIN setting.
The THYST value chosen determines the amount of time
needed for the system to cool down or heat up as the fan is
turning on and off. Values of hysteresis are programmable in
the range 1
°C to 15°C. Larger values of THYST prevent the
fans from chattering on and off. The THYST default value is
set at 4
°C.
The THYST setting applies not only to the temperature
hysteresis for fan on/off, but the same setting is used for the
TTHERM hysteresis value, described in Step 6 - TRANGE for
Temperature Channels. Therefore, programming Register
0x6D and Register 0x6E sets the hysteresis for both fan
on/off and the THERM function.
In some applications, it is required that fans not turn off
below TMIN but remain running at PWMMIN. Bits [7:5] of
Enhance Acoustics Register 1 (0x62) allow the fans to be
turned off or to be kept spinning below TMIN. If the fans are
always on, the THYST value has no effect on the fan when the
temperature drops below TMIN.
THERM Hysteresis
Any hysteresis programmed via Register 0x6D and
Register 0x6E also applies hysteresis on the appropriate
THERM channel.
Figure 65. The THYST Value Applies to Fan On/Off Hysteresis and THERM Hysteresis
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
LOCAL =
VRM TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
REMOTE 1 =
AMBIENT TEMP
REMOTE 2 =
CPU TEMP
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
PWM
MIN
PWM
MIN
PWM
MIN
100%
TMIN
0%
100%
TRANGE
TTHERM
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
TACHOMETER 1
MEASUREMENT
TACHOMETER 2
MEASUREMENT
PWM
GENERATOR
PWM
CONFIG
PWM
CONFIG
PWM
CONFIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com