Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 42 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 42 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 38Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 39Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 40Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 41Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 42Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 43Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 44Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 45Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
ADT7476A
http://onsemi.com
42
Figure 62. TRANGE and % Fan Speed Slopes with
PWMMIN = 20%
TEMPERATURE ABOVE TMIN
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE ABOVE TMIN
(A)
(B)
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
25C
805C
53.35C
405C
325C
26.65C
205C
165C
13.35C
105C
85C
6.675C
55C
45C
3.335C
2.55C
25C
805C
53.35C
405C
325C
26.65C
205C
165C
13.35C
105C
85C
6.675C
55C
45C
3.335C
2.55C
Example: Determining TRANGE for Each Temperature
Channel
The following example shows how the different TMIN and
TRANGE settings can be applied to three different thermal
zones. In this example, the following TRANGE values apply:
TRANGE = 80°C for ambient temperature
TRANGE = 53.33°C for CPU temperature
TRANGE = 40°C for VRM temperature
This example uses the mux configuration described in
Step 2 - Configuring the Mux with the ADT7476A
connected as shown in Figure 52. Both CPU temperature
and VRM temperature drive the CPU fan connected to
PWM1. Ambient temperature drives the front chassis fan
and rear chassis fan connected to PWM2 and PWM3. The
front chassis fan is configured to run at PWMMIN = 20%.
The rear chassis fan is configured to run at PWMMIN = 30%.
The CPU fan is configured to run at PWMMIN = 10%.
Note: The control range for 4-wire fans is much wider than
that of 3−wire fans. In many cases, 4-wire fans can start with
a PWM drive of as little as 20% or less. In extreme cases,
some 3-wire fans cannot run unless a PWM drive of 60% or
more is applied.
Figure 63. TRANGE and % Fan Speed Slopes for VRM,
Ambient, and CPU Temperature Channels
TEMPERATURE ABOVE TMIN
0
1020
3040
100
50
60
70
80
90
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE ABOVE TMIN
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
100
50
60
70
80
90
VRM TEMPERATURE
AMBIENT TEMPERATURE
CPU TEMPERATURE
VRM TEMPERATURE
CPU TEMPERATURE
AMBIENT TEMPERATURE
Step 7—TTHERM for Temperature Channels
TTHERM is the absolute maximum temperature allowed
on a temperature channel. Above this temperature, a
component such as the CPU or VRM can operate beyond its
safe operating limit. When the temperature measured
exceeds TTHERM, all fans are driven at 100% PWM duty
cycle (full speed) to provide critical system cooling.
The fans remain running at 100% until the temperature
drops below TTHERM minus hysteresis, where hysteresis is
the number programmed into the hysteresis registers (0x6D
and 0x6E). The default hysteresis value is 4
°C.
The TTHERM limit should be considered the maximum
worst-case operating temperature of the system. Because
exceeding any TTHERM limit runs all fans at 100%, it has
very negative acoustic effects. Ultimately, this limit should
be set up as a fail-safe, and users should ensure that it is not
exceeded under normal system operating conditions.
Note: TTHERM limits are nonmaskable and affect the fan
speed no matter how automatic fan control settings are
configured. This allows some flexibility, because a TRANGE
value can be selected based on its slope, while a hard limit
(such as 70
°C), can be programmed as TMAX (the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com