Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 56 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 56 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 52Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 53Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 54Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 55Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 56Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 57Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 58Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 59Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 60Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
ADT7476A
http://onsemi.com
56
Table 31.
TRANGE/PWM Frequency Registers
Register Address
R/W (Note 1)
Description
Power−On Default
0x5F
R/W
Remote 1 TRANGE/PWM1 frequency.
0xC4
0x60
R/W
Local TRANGE/PWM2 frequency.
0xC4
0x61
R/W
Remote 2 TRANGE/PWM3 frequency.
0xC4
Bit No.
Name
R/W
Description
[2:0]
FREQ
R/W
These bits control the PWMx frequency (only apply when PWM channel is in low frequency
mode).
000 = 11.0 Hz
001 = 14.7 Hz
010 = 22.1 Hz
011 = 29.4 Hz
100 = 35.3 Hz (default)
101 = 44.1 Hz
110 = 58.8 Hz
111 = 88.2 Hz
[3]
HF/LR
R/W
HF/LF = 1, High frequency PWM mode is enabled for PWMx.
HF/LF = 0, Low frequency PWM mode is enabled for PWMx.
[7:4]
RANGE
R/W
These bits determine the PWM duty cycle vs. the temperature range for automatic fan
control.
0000 = 2°C
0001 = 2.5°C
0010 = 3.33°C
0011 = 4°C
0100 = 5°C
0101 = 6.67°C
0110 = 8°C
0111 = 10°C
1000 = 13.33°C
1001 = 16°C
1010 = 20°C
1011 = 26.67°C
1100 = 32°C (default)
1101 = 40°C
1110 = 53.33°C
1111 = 80°C
1. These registers become read-only when the Configuration Register 1 lock bit is set. Any further attempts to write to these registers have
no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com