Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 47 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 47 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 43Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 44Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 45Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 46Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 47Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 48Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 49Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 50Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 51Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
ADT7476A
http://onsemi.com
47
Table 14. ADT7476A Registers
Addr
Lock-
able
De-
fault
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Desc
R/W
0x26
R
Local
Temperature
9
8
7
6
5
4
3
2
0x80
−
0x27
R
Remote 2
Temperature
9
8
7
6
5
4
3
2
0x80
−
0x28
R
TACH1 Low
Byte
7
6
5
4
3
2
1
0
0x00
−
0x29
R
TACH1 High
Byte
15
14
13
12
11
10
9
8
0x00
−
0x2A
R
TACH2 Low
Byte
7
6
5
4
3
2
1
0
0x00
−
0x2B
R
TACH2 High
Byte
15
14
13
12
11
10
9
8
0x00
−
0x2C
R
TACH3 Low
Byte
7
6
5
4
3
2
1
0
0x00
−
0x2D
R
TACH3 High
Byte
15
14
13
12
11
10
9
8
0x00
−
0x2E
R
TACH4 Low
Byte
7
6
5
4
3
2
1
0
0x00
−
0x2F
R
TACH4 High
Byte
15
14
13
12
11
10
9
8
0x00
−
0x30
R/W
PWM1 Current
Duty Cycle
7
6
5
4
3
2
1
0
0xFF
−
0x31
R/W
PWM2 Current
Duty Cycle
7
6
5
4
3
2
1
0
0xFF
−
0x32
R/W
PWM3 Current
Duty Cycle
7
6
5
4
3
2
1
0
0xFF
−
0x38
R/W
PWM1 Max
Duty Cycle
7
6
5
4
3
2
1
0
0xFF
Yes
0x39
R/W
PWM2 Max
Duty Cycle
7
6
5
4
3
2
1
0
0xFF
Yes
0x3A
R/W
PWM3 Max
Duty Cycle
7
6
5
4
3
2
1
0
0xFF
Yes
0x3D
R
Device ID
Register
7
6
5
4
3
2
1
0
0x76
−
0x3E
R
Company ID
Number
7
6
5
4
3
2
1
0
0x41
−
0x3F
R
Revision ID
7
6
5
4
3
2
1
0
0x6B
−
0x40
R/W
Configuration
Register 1
RES
TODIS
FSPDIS
Vx1
FSPD
RDY
LOCK
STRT
0x04
Yes
0x41
R
Interrupt Status
Register 1
OOL
R2T
LT
R1T
5.0 V
VCC
VCCP
2.5 V/
THERM
0x00
−
0x42
R
Interrupt Status
Register 2
D2
D1
F4P
FAN3
FAN2
FAN1
OVT
12 V/VC
0x00
−
0x43
R/W
VID/GPIO
VIDSEL
THLD
VID 5
VID4/
GPIO4
VID3/
GPIO3
VID2/
GPIO2
VID1/
GPIO1
VID 0/
GPIO 0
0x1F
−
0x44
R/W
2.5 V Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x45
R/W
2.5 V High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x46
R/W
VCCP Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x47
R/W
VCCP High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x48
R/W
VCC Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x49
R/W
VCC High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x4A
R/W
5.0 V Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x4B
R/W
5.0 V High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x4C
R/W
12 V Low Limit
7
6
5
4
3
2
1
0
0x00
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com