Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 24 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 24 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 20Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 21Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 22Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 23Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 24Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 25Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 26Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 27Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
ADT7476A
http://onsemi.com
24
45.52 ms, Bit 1 of the THERM timer is set and Bit 0 now
becomes the LSB of the timer with a resolution of 22.76 ms
(see Figure 32).
Figure 32. Understanding the THERM Timer
THERM
THERM
TIMER
(REG. 0x79)
THERM ASSERTED
v 22.76ms
765
321 0
4
000
000 1
0
THERM
TIMER
(REG. 0x79)
THERM ASSERTED
w 45.52ms
765
321 0
4
000
001 0
0
THERM
TIMER
(REG. 0x79)
THERM ASSERTED w 113.8ms
(91.04ms + 22.76ms)
765
321 0
4
000
010 1
0
THERM
ACCUMULATE THERM LOW
ASSERTION TIMES
THERM
ACCUMULATE THERM LOW
ASSERTION TIMES
When using the THERM timer, be aware of the following:
After a THERM timer read (0x79)
1. The contents of the timer are cleared on read.
2. The F4P bit (Bit 5) of Interrupt Status Register 2
needs to be cleared (assuming that the THERM
timer limit has been exceeded).
If the THERM timer is read during a THERM assertion, the
following occurs:
1. The contents of the timer are cleared.
2. Bit 0 of the THERM timer is set to 1, because a
THERM assertion is occurring.
3. The THERM timer increments from zero.
4. If the THERM timer limit register (0x7A) = 0x00,
the F4P bit is set.
Generating SMBALERT Interrupts from THERM Timer
Events
The ADT7476A can generate SMBALERTs when a
programmable THERM timer limit has been exceeded. This
allows the system designer to ignore brief, infrequent
THERM assertions, while capturing longer THERM timer
events. Register 0x7A is the THERM timer limit register.
This 8-bit register allows a limit from 0 sec (first THERM
assertion) to 5.825 sec to be set before an SMBALERT is
generated. The THERM timer value is compared with the
contents of the THERM timer limit register. If the THERM
timer value exceeds the THERM timer limit value, then the
F4P bit (Bit 5) of Interrupt Status Register 2 is set and an
SMBALERT is generated.
Note: Depending on which pins are configured as a
THERM timer, setting the F4P bit (Bit 5) of Mask Register 2
(0x75) or Bit 0 of Mask Register 1 (0x74) masks out
SMBALERT; although the F4P bit of Interrupt Status
Register 2 is still set if the THERM timer limit is exceeded.
Figure 33 is a functional block diagram of the THERM
timer, limit, and associated circuitry. Writing a value of 0x00
to the THERM timer limit register (0x7A) causes an
SMBALERT to be generated on the first THERM assertion.
A THERM timer limit value of 0x01 generates an
SMBALERT once cumulative THERM assertions exceed
45.52 ms.
Figure 33. Functional Block Diagram of THERM Monitoring Circuitry
22.76ms
45.52ms
91.04ms
182.08ms
364.16ms
728.32ms
1.457s
2.914s
IN
OUT
RESET
LATCH
CLEARED
ON READ
F4P BIT (BIT 5)
MASK REGISTER 2
(REG. 0x75)
1 = MASK
F4P BIT (BIT 5)
STATUS REGISTER 2
COMPARATOR
22.76ms
45.52ms
91.04ms
182.08ms
364.16ms
728.32ms
1.457s
2.914s
7
6
5
4
3
2
1
0
7 6 543 2 1 0
THERM LIMIT
(REG. 0x7A)
THERM TIMER
(REG. 0x79)
THERM TIMER CLEARED ON READ
SMBALERT
THERM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com