Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 41 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 41 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 37Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 38Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 39Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 40Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 41Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 42Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 43Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 44Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
ADT7476A
http://onsemi.com
41
Selecting TRANGE
The TRANGE value can be selected for each temperature
channel: Remote 1, local, and Remote 2 temperature. Bits
[7:4] (TRANGE) of Register 0x5F to Register 0x61 define the
TRANGE value for each temperature channel.
Table 13. Selecting a TRANGE Value
Bits [7:4] (Note 1)
TRANGE (5C)
0000
2
0001
2.5
0010
3.33
0011
4
0100
5
0101
6.67
0110
8
0111
10
1000
13.33
1001
16
1010
20
1011
26.67
1100
32 (default)
1101
40
1110
53.33
1111
80
1. Register 0x5F configures Remote 1 TRANGE; Register 0x60
configures local TRANGE; Register 0x61 configures Remote 2
TRANGE.
Actual Changes in PWM Output
(Advanced Acoustics Settings)
While the automatic fan control algorithm describes the
general response of the PWM output, it is also necessary to
note that the enhance acoustics registers (0x62 and 0x63)
can be used to set/clamp the maximum rate of change of
PWM output for a given temperature zone. This means that
if TRANGE is programmed with an AFC slope that is quite
steep, a relatively small change in temperature could cause
a large change in PWM output and possibly an audible
change in fan speed, which can be noticeable/ bothersome
to end users.
Decreasing the speed the PWM output changes by
programming the smoothing on the appropriate temperature
channels (Register 0x62 and Register 0x63) changes how
fast the fan speed increases/decreases in the event of a
temperature spike. The PWM duty cycle increases slowly
until the PWM duty cycle reaches the appropriate duty cycle
as defined by the AFC curve.
Figure 61 shows PWM duty cycle vs. temperature for each
TRANGE setting. The lower graph shows how each TRANGE
setting affects fan speed vs. temperature. As can be seen
from the graph, the effect on fan speed is nonlinear.
Figure 61. TRANGE vs. Actual Fan Speed
(Not PWM Drive) Profile
TEMPERATURE ABOVE TMIN
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE ABOVE TMIN
(B)
(A)
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
25C
805C
53.35C
405C
325C
26.65C
205C
165C
13.35C
105C
85C
6.675C
55C
45C
3.335C
2.55C
25C
805C
53.35C
405C
325C
26.65C
205C
165C
13.35C
105C
85C
6.675C
55C
45C
3.335C
2.55C
The graphs in Figure 61 assume that the fan starts from 0%
PWM duty cycle. Clearly, the minimum PWM duty cycle,
PWMMIN, needs to be factored in to see how the loop
actually performs in the system. Figure 62 shows how
TRANGE is affected when the PWMMIN value is set to 20%.
It can be seen that the fan actually runs at about 45% fan
speed when the temperature exceeds TMIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com