Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 46 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 46 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 42Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 43Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 44Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 45Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 46Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 47Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 48Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 49Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
ADT7476A
http://onsemi.com
46
Fan Sync
When two ADT7476As are used in a system, it is possible
to synchronize them so that one PWM channel from each
device can be effectively OR’ed together to create a PWM
output that reflects the maximum speed of the two OR’ed
PWMs. This OR’ed PWM can in turn be used to drive a
chassis fan.
Standby Mode
The ADT7476A has been specifically designed to
respond to the STBY supply. In computers that support S3
and S5 states, the core voltage of the processor is lowered in
these states. When monitoring THERM, the THERM timer
should be disabled during these states.
When the VCCP voltage drops below the VCCP low limit,
the following occurs:
1. Status Bit 1 (VCCP) in Interrupt Status Register 1
is set.
2. SMBALERT is generated, if enabled.
3. THERM monitoring is disabled. The THERM
timer should hold its value prior to the S3 or S5
state.
Once the core voltage, VCCP, goes above the VCCP low
limit, everything is re-enabled and the system resumes
normal operation.
XNOR Tree Test Mode
The ADT7476A includes an XNOR tree test mode. This
mode is useful for in-circuit test equipment at board-level
testing. By applying stimulus to the pins included in the
XNOR tree, it is possible to detect opens, or shorts, on the
system board.
The XNOR tree test is invoked by setting Bit 0 (XEN) of
the XNOR Tree Test Enable Register (0x6F).
Figure 66 shows the signals that are exercised in the
XNOR tree test mode.
Figure 66. XNOR Tree Test
PWM1/XTO
PWM3
PWM2
TACH4
TACH3
TACH2
TACH1
VID4
VID3
VID2
VID1
VID0
Power-On Default
When the ADT7476A is powered up, monitoring is off by
default and the PWM outputs go to 100%. All necessary
registers then need to be configured via the SMBus for the
appropriate functions to operate.
Register Tables
Table 14. ADT7476A Registers
Addr
R/W
Desc
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
De-
fault
Lock-
able
0x10
R/W
Configuration
Register 6
Extra
Slow
VCCP
Low
Master
En
SlaveEn
THERM
in
Manual
SlowFan
Remote
1
SlowFan
Local
SlowFan
Remote
1
0x00
Yes
0x11
R/W
Configuration
Register 7
RES
RES
RES
RES
RES
RES
RES
Dis
THERM
Hys
0x00
Yes
0x20
R
2.5 V
Measurement
9
8
7
6
5
4
3
2
0x00
−
0x21
R
VCCP
Measurement
9
8
7
6
5
4
3
2
0x00
−
0x22
R
VCC
Measurement
9
8
7
6
5
4
3
2
0x00
−
0x23
R
5.0 V
Measurement
9
8
7
6
5
4
3
2
0x00
−
0x24
R
12 V
Measurement
9
8
7
6
5
4
3
2
0x00
−
0x25
R
Remote 1
Temperature
9
8
7
6
5
4
3
2
0x80
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com