Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 52 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 52 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 48Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 49Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 50Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 51Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 52Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 53Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 54Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 55Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 56Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
ADT7476A
http://onsemi.com
52
Table 22. Register 0x40 — Configuration Register 1 (Power−On Default = 0x04)
Bit No.
Mnemonic
R/W
Description
[0]
STRT
(Notes 1, 2)
Read/Write
Logic 1 enables monitoring and PWM control outputs based on the limit settings
programmed.
Logic 0 disables monitoring and PWM control is based on the default powerup limit settings.
Note that the limit values programmed are preserved even if a Logic 0 is written to this bit
and the default settings are enabled. This bit does not become locked once Bit 1 (LOCK bit)
has been set.
[1]
LOCK
Write once
Logic 1 locks all limit values to their current settings. Once this bit is set, all lockable registers
become read-only and cannot be modified until the ADT7476A is powered down and
powered up again. This prevents rogue programs such as viruses from modifying critical
system limit settings. (Lockable.)
[2]
RDY
Read-only
This bit is set to 1 by the ADT7476A to indicate that the device is fully powered-up and ready
to begin system monitoring.
[3]
FSPD
R/W
When set to 1, this bit runs all fans at max speed as programmed in the max PWM current
duty cycle registers (0x30 to 0x32). Power-on default = 0. This bit is not locked at any time.
[4]
Vx1
R/W
BIOS should set this bit to a 1 when the ADT7476A is configured to measure current from an
ADOPT
® VRM controller and to measure the CPU’s core voltage. This bit allows monitoring
software to display CPU watts usage. (Lockable.)
[5]
FSPDIS
R/W
Logic 1 disables fan spin-up for two TACH pulses. Instead, the PWM outputs go high for the
entire fan spin-up timeout selected.
[6]
TODIS
R/W
When this bit is set to 1, the SMBus timeout feature is enabled.
In this state, if at any point during an SMBus transaction involving the ADT7476A activity
ceases for more than 35 ms, the ADT7476A assumes the bus is locked and releases the
bus. This allows the ADT7476A to be used with SMBus controllers that cannot handle
SMBus timeouts. (Lockable.)
[7]
Reserved
N/A
Reserved. Do not write to this bit.
1. Bit 0 (STRT) of Configuration Register 1 (0x40) remains writable after lock bit is set.
2. When monitoring (STRT) is disabled, PWM outputs always go to 100% for thermal protection.
Table 23. Register 0x41 — Interrupt Status Register 1 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[0]
2.5 V/
THERM
Read-only
2.5 V = 1 indicates that the 2.5 V high or low limit has been exceeded. This bit is cleared on a
read of the status register only if the error condition has subsided. If Pin 22 is configured as
THERM, this bit is asserted when the timer limit has been exceeded.
[1]
VCCP
Read-only
VCCP = 1 indicates that the VCCP high or low limit has been exceeded. This bit is cleared on
a read of the status register only if the error condition has subsided.
[2]
VCC
Read-only
VCC = 1 indicates that the VCC high or low limit has been exceeded. This bit is cleared on a
read of the status register only if the error condition has subsided.
[3]
5.0 V
Read-only
A 1 indicates that the 5.0 V high or low limit has been exceeded. This bit is cleared on a read
of the status register only if the error condition has subsided.
[4]
R1T
Read-only
R1T = 1 indicates that the Remote 1 low or high temperature has been exceeded. This bit is
cleared on a read of the status register only if the error condition has subsided.
[5]
LT
Read-only
LT = 1 indicates that the local low or high temperature has been exceeded. This bit is cleared
on a read of the status register only if the error condition has subsided.
[6]
R2T
Read-only
R2T = 1 indicates that the Remote 2 low or high temperature has been exceeded. This bit is
cleared on a read of the status register only if the error condition has subsided.
[7]
OOL
Read-only
OOL = 1 indicates that an out-of-limit event has been latched in Interrupt Status Register 2.
This bit is a logical OR of all status bits in Interrupt Status Register 2. Software can test this
bit in isolation to determine whether any of the voltage, temperature, or fan speed readings
represented by Interrupt Status Register 2 are out-of-limit, which eliminates the need to read
Interrupt Status Register 2 during every interrupt or polling cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com