Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 14 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 14 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 10Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 11Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 12Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 13Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 14Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 15Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 16Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 17Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
ADT7476A
http://onsemi.com
14
Table 5 shows the input ranges of the analog inputs and
output codes of the 10-bit ADC.
When the ADC is running, it samples and converts a
voltage input in 0.7 ms and averages 16 conversions to
reduce noise; a measurement takes nominally 11 ms.
Extended Resolution Registers
Voltage measurements can be made with higher accuracy
using the extended resolution registers (0x76 and 0x77).
Whenever the extended resolution registers are read, the
corresponding data in the voltage measurement registers
(0x20 to 0x24) is locked until their data is read. That is, if
extended resolution is required, then the extended resolution
register must be read first, immediately followed by the
appropriate voltage measurement register.
Additional ADC Functions for Voltage Measurements
A number of other functions are available on the
ADT7476A to offer the system designer increased
flexibility.
Turn-Off Averaging
For each voltage/temperature measurement read from a
value register, 16 readings have been made internally and the
results averaged before being placed into the value register.
When faster conversions are needed, setting Bit 4 of
Configuration Register 2 (0x73) turns averaging off. This
effectively gives a reading 16 times faster but the reading
can be noisier. The default round robin cycle time takes
146.5 ms.
Table 2. Conversion Time with Averaging Disabled
Channel
Measurement Time (ms)
Voltage Channels
0.7
Remote Temperature 1
7
Remote Temperature 2
7
Local Temperature
1.3
When Bit 7 of Configuration Register 6 (0x10) is set, the
default round robin cycle time increases to 240 ms.
Bypass All Voltage Input Attenuators
Setting Bit 5 of Configuration Register 2 (0x73) removes
the attenuation circuitry from the 2.5 V, VCCP, VCC, 5.0 V, and
12 V inputs. This allows the user to directly connect external
sensors or rescale the analog voltage measurement inputs for
other applications. The input range of the ADC without the
attenuators is 0 V to 2.25 V.
Bypass Individual Voltage Input Attenuators
Bits [7:4] of Configuration Register 4 (0x7D) can be used
to bypass individual voltage channel attenuators.
Table 3. Bypassing Individual Voltage Input
Attenuators
Configuration Register 4 (0x7D)
Bit No.
Channel Attenuated
4
Bypass 2.5 V attenuator
5
Bypass VCCP attenuator
6
Bypass 5.0 V attenuator
7
Bypass 12 V attenuator
Configuration Register 2 (0x73)
[4] = 1, averaging off.
[5] = 1, bypass input attenuators.
[6] = 1, single-channel convert mode.
TACH1 Minimum High Byte (0x55)
[7:5] Selects ADC channel for single-channel convert mode.
Single-Channel ADC Conversion
While single-channel mode is intended as a test mode that
can be used to increase sampling times for a specific
channel, and therefore helps to analyze that channel’s
performance in greater detail, it can also have other
applications.
Setting Bit 6 of Configuration Register 2 (0x73) places the
ADT7476A into single-channel ADC conversion mode. In
this mode, the ADT7476A can only read a single voltage
channel. The selected voltage input is read every 0.7 ms. The
appropriate ADC channel is selected by writing to Bits [7:5]
of the TACH1 minimum high byte register (0x55).
Table 4. Programming Single−Channel ADC Mode
Bits [7:4], Register 0x55
Channel Selected (Note 1)
000
2.5 V
001
VCCP
010
VCC
011
5.0 V
100
12 V
101
Remote 1 temperature
110
Local temperature
111
Remote 2 temperature
1. In the process of configuring single-channel ADC conversion
mode, the TACH1 minimum high byte is also changed, possibly
trading off TACH1 minimum high byte functionality with
single-channel mode functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com