Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 34 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 34 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 30Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 31Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 32Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 33Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 34Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 35Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 36Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 37Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
ADT7476A
http://onsemi.com
34
Recommended Implementation 1
Configuring the ADT7476A as shown in Figure 49
provides the system designer with the following features:
• Six VID inputs (VID0, VID1, VID2, VID3, VID4, and
VID6) for VRM10 support.
• Two PWM outputs for fan control of up to three fans.
The front and rear chassis fans are connected in
parallel.
• Three TACH fan speed measurement inputs.
• VCC measured internally through Pin 4.
• CPU core voltage measurement (VCORE).
• 2.5 V measurement input used to monitor CPU current
(connected to VCOMP output of ADP316x VRM
controller). This is used to determine CPU power
consumption.
• 5.0 V measurement input.
• VRM temperature using local temperature sensor.
• CPU temperature measured using the Remote 1
temperature channel.
• Ambient temperature measured through the Remote 2
temperature channel.
• If not using VID5, it can be reconfigured as the 12 V
monitoring input.
• Bidirectional THERM pin allows the monitoring of
PROCHOT output from an Intel P4 processor, for
example, or can be used as an overtemperature THERM
output.
• SMBALERT system interrupt output.
Figure 49. Recommended Implementation 1
FRONT
CHASSIS
FAN
TACH2
ADT7476A
PWM3
REAR
CHASSIS
FAN
AMBIENT
TEMPERATURE
TACH3
D1+
D1–
VCC
+5VIN
+12VIN/VID5
GND
PWM1
TACH1
VID[0:4]/VID[0:5]
D2+
D2–
THERM
SMBALERT
SDA
SCL
PROCHOT
5(VRM9)/6(VRM10)
CPU FAN
CPU
ICH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com