Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 230 page
background image
General Description
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Description
1.4 Device Options
The following MC68HC705JJ7/MC68HC705JP7 device options are
available:
•
On-Chip Oscillator Type: Crystal/Ceramic Resonator Connections
or Resistor-Capacitor (RC) Connections
•
Nominal Frequency of Internal Low Power Oscillator: 100 or
500 kHz
NOTE:
A line over a signal name indicates an active low signal. For example,
RESET is active high and RESET is active low.
Any reference to voltage, current, or frequency specified in the following
sections will refer to the nominal values. The exact values and their
tolerance or limits are specified in Section 15. Electrical
Specifications.
Combinations of the various device options are specified by part
number. Refer to Table 1-1 and to Section 17. Ordering Information
for specific ordering information.
Table 1-1. Device Options by Part Number
Part
Number
Pin
Count
Oscillator
Type
Internal LPO Nominal
Frequency (kHz)
MC68HC705JJ7
MC68HC705JP7
20
28
Crystal/Resonator
Crystal/Resonator
100
100
MC68HC705SJ7
MC68HC705SP7
20
28
Crystal/Resonator
Crystal/Resonator
500
500
MC68HRC705JJ7
MC68HRC705JP7
20
28
Resistor-Capacitor
Resistor-Capacitor
100
100
MC68HRC705SJ7
MC68HRC705SP7
20
28
Resistor-Capacitor
Resistor-Capacitor
500
500
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com