Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 26Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 27Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 230 page
background image
General Description
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Description
1.5 Functional Pin Description
Refer to Figure 1-2 for the pinouts of the MC68HC705JJ7 and
MC68HC705JP7 in the user mode.
The following paragraphs give a description of the general function of
each pin.
Figure 1-2. User Mode Pinouts
* Denotes 10 mA sink /5 mA source capability
† Denotes IRQ interrupt capability
PB0/AN0
28
VDD
27
26
25
OSC2
24
PC3*
23
PC2*
22
PC1*
21
PB1/AN1
1
PB2/AN2
2
PB3/AN3/TCAP
3
*PB4/AN4/TCMP/CMP1
4
PB5/SDO
5
* PC4
6
*PC5
7
* PC6
8
PC0*
20
RESET
19
*PC7
9
PB6/SDI
10
VSS
OSC1
IRQ/VPP
18
PA0*
†
17
PB7/SCK
11
*PA5
12
PA1*
†
16
PA2*
†
15
* PA4
13
†* PA3
14
PB0/AN0
20
VDD
19
18
17
OSC2
16
PB1/AN1
1
PB2/AN2
2
PB3/AN3/TCAP
3
*PB4/AN4/TCMP/CMP1
4
PB5/SDO
5
RESET
15
PB6/SDI
6
VSS
OSC1
IRQ/VPP
14
PA0*
†
13
PB7/SCK
7
*PA5
8
PA1*
†
12
PA2*
†
11
* PA4
9
†* PA3
10
MC68HC705JJ7
MC68HC705JP7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com