Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 230 page
background image
Interrupts
External Interrupts
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Interrupts
NOTE:
If the port A pins are enabled as external interrupts, then a high level on
any PA0:3 pin will drive the state of the IRQ function such that the
IRQ/VPP pin and other PA0:3 pins to be ignored until ALL of the PA0:3
pins have returned to a low level. Similarly, if the IRQ/VPP pin is at a low
level, the PA0:3 pins will be ignored until the IRQ/VPP pin returns to a
high state.
4.6.3 IRQ Status and Control Register (ISCR)
The IRQ status and control register (ISCR), shown in Figure 4-4,
contains an external interrupt mask (IRQE), an external interrupt flag
(IRQF), and a flag reset bit (IRQR). Unused bits will read as logic zeros.
The ISCR also contains two control bits for the oscillators, external pin
oscillator, and internal low-power oscillator. Reset sets the IRQE and
OM2 bits; and clears all the other bits.
IRQE — External Interrupt Request Enable
This read/write bit enables external interrupts. Reset sets the IRQE
bit.
1 = External interrupt processing enabled
0 = External interrupt processing disabled
OM1 and OM2 — Oscillator Selects
These bits control the selection and enabling of the oscillator source
for the MCU. One choice is the internal low-power oscillator (LPO).
The other choice is the external pin oscillator (EPO) which is common
to most MC68HC05 MCU devices. The EPO uses external
$000D
Bit 7
654321
Bit 0
Read:
IRQE
OM2
OM1
0
IRQF
0
0
0
Write:
R
IRQR
Reset:
110000
U
0
= Unimplemented
R
= Reserved
U = Unaffected
Figure 4-4. IRQ Status and Control Register (ISCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com