Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 230 page
background image
Interrupts
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Interrupts
components like filter capacitors and a crystal or ceramic resonator
and consumes more power. The selection and enable conditions for
these two oscillators are shown in Table 4-2.
Therefore, the lowest power is consumed when OM1 is cleared. The
state with both OM1 and OM2 set is provided so that the EPO can be
started and allowed to stabilize while the LPO still clocks the MCU.
The reset state is for OM1 to be cleared and OM2 to be set, which
selects the LPO and disables the EPO.
IRQF — External Interrupt Request Flag
The IRQ flag is a clearable, read-only bit that is set when an external
interrupt request is pending. Writing to the IRQF bit has no effect.
Reset clears the IRQF bit.
1 = Interrupt request pending
0 = No interrupt request pending
The following conditions set the IRQ flag:
•
An external interrupt signal on the IRQ/VPP pin
•
An external interrupt signal on pin PA0, PA1, PA2, or PA3
when the PA0–PA3 pins are enabled by the PIRQ bit in the
MOR to serve as external interrupt sources.
The following conditions clear the IRQ flag:
•
When the CPU fetches the interrupt vector
•
When a logic one is written to the IRQR bit
Table 4-2. Oscillator Selection
OM2
OM1
Oscillator
Selected
by CPU
Internal
Low-Power
Oscillator
(LPO)
External
Pin
Oscillator
(EPO)
Power
Consumption
0
0
Internal
Enabled
Disabled
Lowest
0
1
External
Disabled
Enabled
Normal
1
0
Internal
Enabled
Disabled
Lowest
1
1
Internal
Enabled
Enabled
Normal
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com