Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 230 page
background image
Parallel Input/Output
Port B
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Parallel Input/Output
7.4.6 PB4/AN4/TCMP/CMP1 Logic
The PB4/AN4/TCMP/CMP1 pin can be used as a simple I/O port pin, be
controlled by the OLVL bit from the output compare function of the 16-bit
programmable timer, or be controlled directly by the output of
comparator 1 as shown in Figure 7-9. The PB4 data, the programmable
timer OLVL bit, and the output of comparator 1 are all logically ORed
together to drive the pin. Also, the analog subsystem input channel 4
multiplexer is connected directly to this pin. The operations of PB4 pin
are summarized in Table 7-2.
Figure 7-9. PB4/AN4/TCMP/CMP1 Pin I/O Circuit
PORT BDATA
REGISTER
BIT PB4
DATA DIRECTION
REGISTER B
BIT DDRB4
PULLDOWN
REGISTER B
BIT PDIB4
R
R
PB4
ANALOG SUBSYSTEM
INPUT AN4 AND
TIMER OUTPUT COMPARE
READ $0005
WRITE $0001
READ $0001
WRITE $0011
PULLDOWN
DEVICE
RESET
WRITE $0005
AN4
TCMP
OLVL
MASK OPTION REGISTER ($1FF1)
CMP1
(COMPARATOR 1 OUT)
(TIMER OUTPUT COMPARE)
MASK OPTION REGISTER ($1FF0)
HIGH SINK/
SOURCE CURRENT
CAPABILITY
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com