Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 230 page
background image
Parallel Input/Output
Port A
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Parallel Input/Output
7.3.3 Pulldown Register A (PDRA)
All port A pins can have software programmable pulldown devices
enabled or disabled globally by SWPDI bit in the MOR. These pulldown
devices are controlled by the write-only pulldown register A (PDRA)
shown in Figure 7-3. Clearing the PDIA5–PDIA0 bits in the PDRA turns
on the pulldown devices if the port A pin is an input. Reading the PDRA
returns undefined results since it is a write-only register, therefore do not
change the value in PDRA with read/modify/write instructions. On the
MC68HC705JP7 the PDRA contains two pulldown control bits (PDICH
and PDICL) for port C. Reset clears the PDIA5–PDIA0, PDICH and
PDICL bits, which turns on all the port A and port C pulldown devices.
PDICH — Upper Port C Pulldown Inhibit Bits (MC68HC705JP7)
Writing to this write-only bit controls the port C pulldown devices on
the upper four bits (PC4:7). Reading these pulldown register A bits
returns undefined data. Reset clears bit PDICH.
1 = Upper four port C pins pulldown devices turned off
0 = Upper four port C pins pulldown devices turned on if pin has
been programmed by the DDRC to be an input
PDICL — Lower Port C Pulldown Inhibit Bits (MC68HC705JP7)
Writing to this write-only bit controls the port C pulldown devices on
the lower four bits (PC0:3). Reading these pulldown register A bits
returns undefined data. Reset clears bit PDICL.
1 = Lower four port C pins pulldown devices turned off
0 = Lower four port C pins pulldown devices turned on if pin has
been programmed by the DDRC to be an input
$0010
Bit 7
654321
Bit 0
Read:
Write:
PDICH
PDICL
PDIA5
PDIA4
PDIA3
PDIA2
PDIA1
PDIA0
Reset:
00000000
= Unimplemented
Figure 7-3. Pulldown Register A (PDRA)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com