Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 230 page
background image
Interrupts
Interrupt Vectors
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Interrupts
NOTE:
If more than one interrupt request is pending, the CPU fetches the vector
of the higher priority interrupt first. A higher priority interrupt does not
actually interrupt a lower priority interrupt service routine unless the
lower priority interrupt service routine clears the I bit.
Table 4-1. Reset/Interrupt Vector Addresses
Function
Source
MOR
Control
Bit
Global
Hardware
Mask
Local
Software
Mask
Priority
(1 = Highest)
Vector
Address
Reset
Power-On Logic
RESET Pin
Low-Voltage Reset
Illegal Address Reset
—
—
—
1
$1FFE–$1FFF
COP Watchdog
COPEN1
Software
Interrupt
(SWI)
User Code
—
—
—
Same Priority
As Instruction
$1FFC–$1FFD
External
Interrupt (IRQ)
IRQ/VPP Pin
—
I Bit
IRQE Bit
2
$1FFA–$1FFB
PA3 Pin
PA2 Pin
PA1 Pin
PA0 Pin
PIRQ2
Core Timer
Interrupts
TOF Bit
RTIF Bit
—
I Bit
TOFE Bit
RTIE Bit
3
$1FF8–$1FF9
Programmable
Timer
Interrupts
ICF Bit
OCF Bit
TOF Bit
—
I Bit
ICIE Bit
OCIE Bit
TOIE Bit
4
$1FF6–$1FF7
Serial
Interrupt
SPIF Bit
—
I Bit
SPIE Bit
5
$1FF4–$1FF5
Analog
Interrupt
CPF1 Bit
CPF2 Bit
—
I Bit
CPIE Bit
6
$1FF2–$1FF3
NOTES:
1. COPEN enables the COP watchdog timer.
2. PIRQ enables port A external interrupts on PA0–PA3.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com