Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 230 page
background image
Operating Modes
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Operating Modes
6.4.3 Halt Mode
The STOP instruction puts the MCU in halt mode if selected by the
SWAIT bit in the MOR. Halt mode is identical to wait mode, except that
a variable recovery delay occurs when the MCU exits halt mode. A
recovery time of from 1 to 16 or from 1 to 4064 internal bus cycles can
be selected by the DELAY bit in the MOR.
If the SWAIT bit is set in the MOR to put the MCU in halt mode, the COP
watchdog cannot be turned off inadvertently by a STOP instruction.
6.4.4 Data-Retention Mode
In the data-retention mode, the MCU retains RAM contents and CPU
register contents at VDD voltages as low as 2.0 Vdc. The data retention
feature allows the MCU to remain in a low-power consumption state
during which it retains data, but the CPU cannot execute instructions.
To put the MCU in the data retention mode:
1. Drive the RESET pin to a logic zero.
2. Lower the VDD voltage. The RESET pin must remain low
continuously during data retention mode.
To take the MCU out of the data retention mode:
1. Return VDD to normal operating voltage.
2. Return the RESET pin to a logic one.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com