Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 230 page
background image
Operating Modes
Low-Power Modes
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Operating Modes
Therefore, the lowest power is consumed when OM1 is cleared. The
state with both OM1 and OM2 set is provided so that the EPO can be
started up and allowed to stabilize while the LPO still clocks the MCU.
NOTE:
When switching from LPO to EPO, the user must be careful to ensure
that the EPO has been enabled and powered up long enough to stabilize
before shifting clock sources.
IRQF — External Interrupt Request Flag
The IRQF flag is a clearable, read-only bit that is set when an external
interrupt request is pending. Refer to Section 4. Interrupts for more
details.
IRQR — Interrupt Request Reset
This write-only bit clears the IRQF flag bit and prevents redundant
execution of interrupt routines. Refer to Section 4. Interrupts for
more details.
6.4 Low-Power Modes
Four modes of operation reduce power consumption:
•
Stop mode
•
Wait mode
•
Halt mode
•
Data-retention mode
Figure 6-2 shows the sequence of events in stop, wait, and halt modes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com