Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 230 page
background image
Central Processor Unit (CPU)
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Central Processor Unit (CPU)
3.6 Program Counter (PC)
The program counter is a 16-bit register that contains the address of the
next instruction or operand to be fetched as shown in Figure 3-5. The
three most significant bits of the program counter are ignored internally
and appear as 111 during stacking and subroutine calls.
Normally, the address in the program counter automatically increments
to the next sequential memory location every time an instruction or
operand is fetched. Jump, branch, and interrupt operations load the
program counter with an address other than that of the next sequential
location.
3.7 Condition Code Register (CCR)
The condition code register is an 8-bit register whose three most
significant bits are permanently fixed at 111 as shown in Figure 3-6. The
condition code register contains the interrupt mask and four flags that
indicate the results of the instruction just executed. The following
paragraphs describe the functions of the condition code register.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Bit
0
Read:
11
1
Write:
Reset:
0
0
0
Loaded with Vector from $1FFE and $1FFF
Figure 3-5. Program Counter (PC)
Bit 7
654321
Bit 0
Read:
111
H
I
N
C
Z
Write:
Reset:
1
1
1U1U
U
U
U = Unaffected
Figure 3-6. Condition Code Register (CCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com