Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 135Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 136Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 137Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 138Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 139Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 140Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 141Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 142Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 230 page
background image
Simple Serial Interface
SIOP Signal Format
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Simple Serial Interface
9.3 SIOP Signal Format
The SIOP subsystem can be software configured for master or slave
operation. No external mode selection inputs are available (for instance,
no slave select pin).
9.3.1 Serial Clock (SCK)
The state of the SCK output remains a fixed logic level during idle
periods between data transfers. The edges of SCK indicate the
beginning of each output data transfer and latch any incoming data
received. The first bit of transmitted data is output from the SDO pin on
the first falling edge of SCK. The first bit of received data is accepted at
the SDI pin on the first rising edge of SCK after the first falling edge. The
transfer is terminated upon the eighth rising edge of SCK.
The idle state of the SCK is determined by the state of the CPHA bit in
the SCR. When the CPHA is clear, SCK will remain idle at a logical one
as shown in Figure 9-2. When the CPHA is set, SCK will remain idle at
a logical zero as shown in Figure 9-3. In both cases, the SDO changes
data on the falling edge of the SCK, and the SDI latches data in on the
rising edge of SCK.
The master and slave modes of operation differ only in the means of
sourcing the SCK. In master mode, SCK is driven from an internal
source within the MCU. In slave mode, SCK is driven from a source
external to the MCU. The SCK frequency is based on one of four
divisions of the oscillator clock that is selected by the SPR0 and SPR1
bits in the SCR.
Figure 9-2. SIOP Timing Diagram (CPHA = 0)
SCK
SDO
SDI
100 ns
100 ns
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
(CPHA = 0)
(IDLE = 1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com