Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 146Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 147Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 148Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 149Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 150Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 151Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 152Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 153Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 230 page
background image
Core Timer
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Core Timer
RTIE — Real-Time Interrupt Enable
This read/write bit enables real-time interrupts. Reset clears RTIE.
1 = Real-time interrupts enabled
0 = Real-time interrupts disabled
CTOFR — Core Timer Overflow Flag Reset
Writing a logic one to this write-only bit clears the CTOF bit. CTOFR
always reads as a logic zero. Reset does not affect CTOFR.
1 = Clear CTOF flag bit
0 = No effect on CTOF flag bit
RTIFR — Real-Time Interrupt Flag Reset
Writing a logic one to this write-only bit clears the RTIF bit. RTIFR
always reads as a logic zero. Reset does not affect RTIFR.
1 = Clear RTIF flag bit
0 = No effect on RTIF flag bit
RT1 and RT0 — Real-Time Interrupt Select Bits 1 and 0
These read/write bits select one of four real-time interrupt rates, as
shown in Table 10-1. Because the selected RTI output drives the
COP watchdog, changing the real -time interrupt rate also changes
the counting rate of the COP watchdog. Reset sets RT1 and RT0,
selecting the longest COP timeout period and longest real-time
interrupt period.
NOTE:
Changing RT1 and RT0 when a COP timeout is imminent or uncertain
may cause a real-time interrupt request to be missed or an additional
real-time interrupt request to be generated. Clear the COP timer just
before changing RT1 and RT0.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com