Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 166 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 166 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 162Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 163Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 164Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 165Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 166Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 167Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 168Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 169Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 230 page
background image
Programmable Timer
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Programmable Timer
A software example of this procedure is shown in Table 11-1.
11.7 Timer Control Register (TCR)
The timer control register shown in Figure 11-10, performs the following
functions:
•
Enables input capture interrupts
•
Enables output compare interrupts
•
Enables timer overflow interrupts
•
Controls the active edge polarity of the TCAP signal
•
Controls the active level of the TCMP output
Reset clears all the bits in the TCR with the exception of the IEDG bit
which is unaffected.
Table 11-1. Output Compare Initialization Example
9B
...
...
B7
B6
BF
...
...
9A
16
13
17
SEI
...
...
STA
LDA
STX
...
...
CLI
OCRH
TSR
OCRL
DISABLE INTERRUPTS
.....
.....
INHIBIT OUTPUT COMPARE
ARM OCF FLAG FOR CLEARING
READY FOR NEXT COMPARE, OCF CLEARED
.....
.....
ENABLE INTERRUPTS
$0012
Bit 7
654321
Bit 0
Read:
ICIE
OCIE
TOIE
000
IEDG
OLVL
Write:
Reset:
000000
U
0
= Unimplemented
U = Unaffected
Figure 11-10. Timer Control Register (TCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com