Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 110 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 110 Page - Intel Corporation

Back Button 910GL Datasheet HTML 106Page - Intel Corporation 910GL Datasheet HTML 107Page - Intel Corporation 910GL Datasheet HTML 108Page - Intel Corporation 910GL Datasheet HTML 109Page - Intel Corporation 910GL Datasheet HTML 110Page - Intel Corporation 910GL Datasheet HTML 111Page - Intel Corporation 910GL Datasheet HTML 112Page - Intel Corporation 910GL Datasheet HTML 113Page - Intel Corporation 910GL Datasheet HTML 114Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 426 page
background image
EPBAR Registers—Egress Port Register Summary
R
110
Datasheet
6.1.1
EPESD—EP Element Self Description
MMIO Range:
EPBAR
Address Offset:
044h
Default Value:
00000201h
Access:
R/WO, RO
Size:
32 bits
This register provides information about the root complex element containing this Link
Declaration capability.
Bit
Access
& Default
Description
31:24
RO
00h
Port Number: This field specifies the port number associated with this element with
respect to the component that contains this element. A value of 00h indicates to
configuration software that this is the default egress port.
23:16
R/WO
00h
Component ID: This field identifies the physical component that contains this Root
Complex Element. Component IDs start at 1.
This value is a mirror of the value in the Component ID field of all elements in this
component. The value only needs to be written in one of the mirrored fields and it
will be reflected everywhere that it is mirrored.
15:8
RO
02h
Number of Link Entries: This field indicates the number of link entries following
the Element Self Description. This field reports 2 (one each for PCI Express* x16
interface and DMI).
7:4
Reserved
3:0
RO
1h
Element Type: This field Indicates the type of the Root Complex Element.
1h = Port to system memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com