Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 113 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 113 Page - Intel Corporation

Back Button 910GL Datasheet HTML 109Page - Intel Corporation 910GL Datasheet HTML 110Page - Intel Corporation 910GL Datasheet HTML 111Page - Intel Corporation 910GL Datasheet HTML 112Page - Intel Corporation 910GL Datasheet HTML 113Page - Intel Corporation 910GL Datasheet HTML 114Page - Intel Corporation 910GL Datasheet HTML 115Page - Intel Corporation 910GL Datasheet HTML 116Page - Intel Corporation 910GL Datasheet HTML 117Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 426 page
background image
EPBAR Registers—Egress Port Register Summary
R
Datasheet
113
6.1.5
EPLE2A—EP Link Entry 2 Address
MMIO Range:
EPBAR
Address Offset:
068h
Default Value:
0000000000008000h
Access:
RO
Size:
64 bits
This register provides the second part of a Link Entry that declares an internal link to another
Root Complex Element.
Bit
Access &
Default
Description
63:28
Reserved
27:20
RO
00h
Bus Number
19:15
RO
0 0001b
Device Number: Target for this link is PCI Express* x16 port (Device 1).
14:12
RO
000b
Function Number
11:0
Reserved
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com